Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7SCEC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 2 Page - NXP Semiconductors

  IMX7SCEC Datasheet HTML 1Page - NXP Semiconductors IMX7SCEC Datasheet HTML 2Page - NXP Semiconductors IMX7SCEC Datasheet HTML 3Page - NXP Semiconductors IMX7SCEC Datasheet HTML 4Page - NXP Semiconductors IMX7SCEC Datasheet HTML 5Page - NXP Semiconductors IMX7SCEC Datasheet HTML 6Page - NXP Semiconductors IMX7SCEC Datasheet HTML 7Page - NXP Semiconductors IMX7SCEC Datasheet HTML 8Page - NXP Semiconductors IMX7SCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 152 page
background image
i.MX 7Solo introduction
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
2
The i.MX 7Solo family of processors is specifically useful for applications such as:
•
Audio
•
Connected devices
•
Access control panels
•
Human-machine interfaces (HMI)
•
Portable medical and health care
•
IP phones
•
Smart appliances
•
Point of Sale
•eReaders
•
Wearables
•
Home energy management systems
The features of the i.MX 7Solo family of processors include the following:
•
ARM Cortex-A7 plus ARM Cortex-M4—Heterogeneous Multicore Processing architecture
enables the device to run an open operating system like Linux/Android on the Cortex-A7 core and
an RTOS like FreeRTOS™ on the Cortex-M4 core.
•
ARM Cortex-A7 core—The processor enhances the capabilities of portable, connected
applications by fulfilling the ever-increasing MIPS needs of operating systems and applications at
lowest power consumption levels per MHz.
•
Multilevel memory system—The multilevel Cortex-A7 memory system is based on the L1
instruction and data caches, L2 cache, and internal and external memory. The processor supports
many types of external memory devices, including DDR3, DDR3L, LPDDR2 and LPDDR3, NOR
Flash, NAND Flash (MLC and SLC), QSPI Flash, and managed NAND, including eMMC rev.
•
Power efficiency—Power management implemented throughout the IC enables features and
peripherals to consume minimum power in both active and various low-power modes.
•
Multimedia—The multimedia performance is enhanced by a multilevel cache system, NEON™
MPE (Media Processor Engine) coprocessor, a programmable smart DMA (SDMA) controller.
•
Gigabit Ethernet with AVB—10/100/1000 Mbps Ethernet controllers supporting IEEE Std 1588
time synchronization.
•
Human-machine interface (HMI)—i.MX 7Solo processor provides up to two separate display
interfaces (parallel display and two-lane MIPI-DSI), CMOS sensor interface (two-lane MIPI-CSI
and parallel).
•
Interface flexibility—i.MX 7Solo processor supports connections to a variety of interfaces: one
high-speed USB on-the-go module with PHY, High-Speed Inter-Chip USB, multiple expansion
card ports (high-speed MMC/SDIO host and other), a Gigabit Ethernet controller with support for
Ethernet AVB, two 12-bit ADCs with a total of 8 single-ended inputs, two CAN ports, and a variety
of other popular interfaces (such as UART, I2C, and I2S).
•
Advanced security—The processors deliver hardware-enabled security features that enable secure
e-commerce, digital rights management (DRM), information encryption, secure boot, and secure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com