Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7SCEC Datasheet(PDF) 26 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 22Page - NXP Semiconductors IMX7SCEC Datasheet HTML 23Page - NXP Semiconductors IMX7SCEC Datasheet HTML 24Page - NXP Semiconductors IMX7SCEC Datasheet HTML 25Page - NXP Semiconductors IMX7SCEC Datasheet HTML 26Page - NXP Semiconductors IMX7SCEC Datasheet HTML 27Page - NXP Semiconductors IMX7SCEC Datasheet HTML 28Page - NXP Semiconductors IMX7SCEC Datasheet HTML 29Page - NXP Semiconductors IMX7SCEC Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 152 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
26
NVCC_GPIO1
From PMIC
N=12
Use max IO
equation2
mA
NVCC_GPIO2
From PMIC
N=14
mA
NVCC_SD2
From PMIC
N=9
mA
NVCC_SD3
From PMIC
N=12
mA
NVCC_SD1
From PMIC
N=9
mA
NVCC_ENET1
From PMIC
N=16
mA
NVCC_EPDC1
From PMIC
N=16
mA
NVCC_EPDC2
From PMIC
N=17
mA
NVCC_SAI
From PMIC
N=11
mA
NVCC_LCD
From PMIC
N=29
mA
NVCC_SPI
From PMIC
N=8
mA
NVCC_ECSPI
From PMIC
N=8
mA
NVCC_I2C
From PMIC
N=8
mA
NVCC_UART
From PMIC
N=8
mA
VDD_USB_OTG1_3P3_IN
From PMIC
—
50
mA
VDD_USB_OTG2_3P3_IN
From PMIC
—
50
mA
VDD_USB_H_1P2
From i.MX 7 internal LDO
—
20
mA
VDDA_MIPI_1P8
From i.MX 7 internal LDO
—
5
mA
DRAM_VREF
From PMIC
—
30
mA
NVCC_DRAM_CKE
From PMIC
—
30
mA
NVCC_DRAM
From PMIC
—
—3
mA
1 The actual maximum current drawn from VDDA_1P8_IN is as shown plus any additional current drawn from the
VDDD_1P0_CAP, VDD_1P2_CAP, VDDA_PHY_1P8 outputs, depending on actual application configuration (for example,
VDD_MIPI_1P0, VDD_USB_H_1P2 and supplies).
2 General equation for estimated, maximal power consumption of an I/O power supply:
Imax = N × C × V × (0.5 × F)
where:
N = Number of I/O pins supplied by the power line
C = Equivalent external capacitive load
V = IO voltage
(0.5
× F) = Data change rate, up to 0.5 of the clock rate (F)
In this equation, Imax is in amps, C in farads, V in volts, and F in hertz.
3 The DRAM power consumption is dependent on several factors, such as external signal termination. DRAM power calculators
are typically available from the memory vendors. They take into account factors such as signal termination. See the application
note,
i.MX 7DS Power Consumption Measurement (AN5383) for examples of DRAM power consumption during specific use
case scenarios.
Table 12. Maximum supply currents(continued)
Power Rail
Source
Conditions
Max Current
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com