Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7SCEC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 9Page - NXP Semiconductors IMX7SCEC Datasheet HTML 10Page - NXP Semiconductors IMX7SCEC Datasheet HTML 11Page - NXP Semiconductors IMX7SCEC Datasheet HTML 12Page - NXP Semiconductors IMX7SCEC Datasheet HTML 13Page - NXP Semiconductors IMX7SCEC Datasheet HTML 14Page - NXP Semiconductors IMX7SCEC Datasheet HTML 15Page - NXP Semiconductors IMX7SCEC Datasheet HTML 16Page - NXP Semiconductors IMX7SCEC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 152 page
background image
Modules list
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
13
SAI1
SAI2
SAI3
Synchronous Audio
Interface
Connectivity
peripherals
The SAI module provides a synchronous audio
interface (SAI) that supports full duplex serial interfaces
with frame synchronization, such as I2S, AC97, TDM,
and codec/DSP interfaces.
SDMA
Smart Direct Memory
Access
System control
peripherals
The SDMA is a multichannel flexible DMA engine. It
helps in maximizing system performance by offloading
the various cores in dynamic data routing. It has the
following features:
• Powered by a 16-bit Instruction-Set micro-RISC
engine
• Multi-channel DMA supporting up to 32 time-division
multiplexed DMA channels
• 48 events with total flexibility to trigger any
combination of channels
• Memory accesses including linear, FIFO, and 2D
addressing
• Shared peripherals between ARM and SDMA
• Very fast Context-Switching with 2-level priority
based preemptive multi-tasking
• DMA units with auto-flush and prefetch capability
• Flexible address management for DMA transfers
(increment, decrement, and no address changes on
source and destination address)
• DMA ports can handle unidirectional and
bidirectional flows (Copy mode)
• Up to 8-word buffer for configurable burst transfers
for EMIv2.5
• Support of byte-swapping and CRC calculations
• Library of Scripts and API is available
SIMv2-1
SIMv2-2
Smart Card
Connectivity
peripherals
Smart card interface designed to be compatible with
ISO7816.
SJC
System JTAG Controller
System control
peripherals
The SJC provides JTAG interface (designed to be
compatible with JTAG TAP standards) to internal logic.
The i.MX 7Solo family of processors uses JTAG port for
production, testing, and system debugging.
Additionally, the SJC provides BSR (Boundary Scan
Register) standard support, designed to be compatible
with IEEE 1149.1 and IEEE1149.6 standards.
The JTAG port must be accessible during platform
initial laboratory bring-up, for manufacturing tests and
troubleshooting, as well as for software debugging by
authorized entities. The i.MX 7Solo SJC incorporates
three security modes for protecting against
unauthorized accesses. Modes are selected through
eFUSE configuration.
SNVS
Secure Non-Volatile
Storage
Security
Secure Non-Volatile Storage, including Secure Real
Time Clock, Security State Machine, Master Key
Control, and Violation/Tamper Detection and reporting.
TEMPSENSOR
Temperature Sensor
System control
peripherals
Temperature sensor
Table 2. i.MX 7Solo modules list(continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com