| Electronic Components Datasheet Search |
|
IMX7SCEC Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7SCEC Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 152 page ![]() Electrical characteristics i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017 NXP Semiconductors 20 4.1.1 Absolute maximum ratings CAUTION Stresses beyond those listed under Table 7 may affect reliability or cause permanent damage to the device. These are stress ratings only. Functional operation of the device at these or any other conditions beyond those indicated in the operating ranges or parameters tables is not implied. Table 7. Absolute maximum ratings Parameter Description Symbol Min Max Unit Core supply voltages VDD_ARM VDD_SOC –0.5 1.5 V GPIO supply voltage NVCC_ENET1 NVCC_EPDC1 NVCC_EPDC2 NVCC_I2C NVCC_LCD NVCC_SAI NVCC_SD1 NVCC_SD2 NVCC_SD3 NVCC_SPI NVCC_UART –0.3 3.6 V DDR I/O supply voltage NVCC_DRAM –0.3 1.975 V Clock I/O supply voltage NVCC_DRAM_CKE –0.3 1.98 V VDD_SNVS_IN supply voltage VDD_SNVS_IN –0.3 3.6 V USB OTG PHY supply voltage VDD_USB_OTG1_3P3_IN VDD_USB_OTG2_3P3_IN –0.3 3.6 V USB_VBUS input detected USB_OTG1_VBUS USB_OTG2_VBUS –0.3 5.25 V Input voltage on USB_OTG*_DP, USB_OTG*_DN pins USB_OTG1_DP/USB_OTG1_DN USB_OTG2_DP/USB_OTG2_DN –0.3 3.63 V USB_OTG1_CHD_B open-drain pullup voltage when external pullup resistor is connected to VDD_USB_OTG1_3P3_IN supply only USB_OTG1_CHD_B — 3.6 V USB_OTG1_CHD_B open-drain pullup voltage when external pullup resistor is connected to any supply other than VDD_USB_OTG1_3P3_IN USB_OTG2_CHD_B — 1.975 V Input/output voltage range Vin/Vout –0.3 OVDD1+0.3 V ESD damage immunity: Vesd V • Human Body Model (HBM) • Charge Device Model (CDM) — — 2000 500 Storage temperature range TSTORAGE –40 150 oC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |