Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7SCEC Datasheet(PDF) 38 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 34Page - NXP Semiconductors IMX7SCEC Datasheet HTML 35Page - NXP Semiconductors IMX7SCEC Datasheet HTML 36Page - NXP Semiconductors IMX7SCEC Datasheet HTML 37Page - NXP Semiconductors IMX7SCEC Datasheet HTML 38Page - NXP Semiconductors IMX7SCEC Datasheet HTML 39Page - NXP Semiconductors IMX7SCEC Datasheet HTML 40Page - NXP Semiconductors IMX7SCEC Datasheet HTML 41Page - NXP Semiconductors IMX7SCEC Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 152 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
38
•
General Purpose I/O (GPIO)
•
Double Data Rate I/O (DDR) for LPDDR3 and DDR3 modes
•
Differential I/O (CCM_CLK1)
4.5.1
General purpose I/O (GPIO) DC parameters
Table 22 shows DC parameters for GPIO pads. The parameters in Table 22 are guaranteed per the
operating ranges in Table 9, unless otherwise noted.
4.5.2
DDR I/O DC electrical characteristics
The DDR I/O pads support DDR3/DDR3L, LPDDR2, and LPDDR3 operational modes. The DDR
Memory Controller (DDRMC) is designed to be compatible with JEDEC-compliant SDRAMs. The
DDRC supports the following memory types:
•
DDR3 SDRAM compliant to JESD79-3E DDR3 JEDEC standard release July, 2010
•
LPDDR2 SDRAM compliant to JESD209-2B LPDDR2 JEDEC standard release June, 2009
•
LPDDR3 SDRAM compliant to JESD209-3B LPDDR3 JEDEC standard release August, 2013
Table 22. GPIO DC Parameters
Parameter
Symbol
Test Conditions
Min
Max
Units
High-level output voltage
VOH
IOH= –1.8mA, –3.6mA, –7.2mA, –10.8mA 0.8 × OVDD
OVDD
V
Low-level output voltage
VOL
IOL=1.8mA, 3.6mA, 7.2mA, 10.8mA
0
0.2
× OVDD
V
High-level input voltage
VIH
—0.7
× OVDD OVDD + 0.3
V
Low-level input voltage
VIL
—–0.3
0.3
× OVDD
V
Input hysteresis
VHYS
—0.15
—
V
Pull-up resistor (5_k
Ω PU)
—
VDD = 1.8 ± 0.15 V
5.94
5.98
K
Ω
Pull-up resistor (5_k
Ω PU)
—
VDD = 3.3 ± 0.3 V
4.8
5.3
K
Ω
Pull-up resistor (47_k
Ω PU)
—
VDD = 1.8 ± 0.15 V
46.1
50.6
K
Ω
Pull-up resistor (47_k
Ω PU)
—
VDD =3.3 ± 0.3 V
45.8
49.8
K
Ω
Pull-up resistor (100_k
Ω PU)
—
VDD = 1.8 ± 0.15 V
97.5
105.9
K
Ω
Pull-up resistor (100_k
Ω PU)
—
VDD = 3.3 ± 0.3 V
101
105
K
Ω
Pull-down resistor (100_k
Ω PU)
—
VDD = 1.8 ± 0.15 V
101
108.6
K
Ω
Pull-down resistor (100_k
Ω PD)
—
VDD = 3.3 ± 0.3 V
101
108
K
Ω
Input current (no PU/PD)
IOZ
—–5
5
μΑ
Sink/source current in Push-Pull
mode
—
Driving currents (@100MHz,
VOL/H = 0.5×OVDD, SS, 125°C)
OVDD = 2.7 V
–32.9
32.9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com