Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7SCEC Datasheet(PDF) 136 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 136 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 132Page - NXP Semiconductors IMX7SCEC Datasheet HTML 133Page - NXP Semiconductors IMX7SCEC Datasheet HTML 134Page - NXP Semiconductors IMX7SCEC Datasheet HTML 135Page - NXP Semiconductors IMX7SCEC Datasheet HTML 136Page - NXP Semiconductors IMX7SCEC Datasheet HTML 137Page - NXP Semiconductors IMX7SCEC Datasheet HTML 138Page - NXP Semiconductors IMX7SCEC Datasheet HTML 139Page - NXP Semiconductors IMX7SCEC Datasheet HTML 140Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 152 page
background image
Package information and contact assignments
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
136
NVCC_LCD
K18
Supply for LCD interface
NVCC_SAI
F12
Supply for SAI interface
NVCC_SD1
E07
Supply for SD card interface
NVCC_SD2
H08
Supply for SD card interface
NVCC_SD3
K08
Supply for SD card interface
NVCC_SPI
L09
Supply for SPI interface
NVCC_UART
N09
Supply for UART interface
PVCC_ENET_CAP
H14
Secondary supply for ENET (internal regulator
output). Requires external capacitors
PVCC_EPDC_LCD_CAP
N17
Secondary supply for EPDC_LCD (internal
regulator output). Requires external capacitors
PVCC_GPIO_CAP
V10
Secondary supply for GPIO (internal regulator
output). Requires external capacitors
PVCC_I2C_SPI_UART_CAP R09
Secondary supply for I2C_SPI_UART (internal
regulator output). Requires external capacitors
PVCC_SAI_SD_CAP
J09
Secondary supply for SAI_SD (internal
regulator output). Requires external capacitors
USB_OTG1_VBUS
C08
USB_OTG1_VDDA_3P3_IN
F10
VDD_1P2_CAP
U09
Supply for HSIC
VDD_ARM
C17,C20,D17,D20,F22,F23,J22,J23
Supply for ARM
VDD_LPSR_1P0_CAP
AC05
Secondary supply for LPSR (internal regulator
output). Requires external capacitors
VDD_LPSR_IN
W06
Supply for LPSR
VDD_SNVS_1P8_CAP
AE08
Secondary supply for SNVS (internal regulator
output). Requires external capacitors
VDD_SNVS_IN
AD08
Primary supply for the SNVS regulator
VDD_SOC
C14,D14,F03,F04,F18,F19,J03,J04,M03,M04
,P18,R03,R04,R17,T18,U13,U15,U17,V12,V1
4,V16,V18
Supply for SOC
VDD_TEMPSENSOR_1P8
AC04
Supply for VDDe PHY
VDD_USB_H_1P2
H12
Supply input for the USB HSIC Interface
VDD_USB_OTG1_1P0_CAP H10
Secondary supply for USB OTG (internal
regulator output). Requires external capacitors
VDD_XTAL_1P8
V05
VDDA_1P0_CAP
V03
Secondary supply for 1P0 (internal regulator
output). Requires external capacitors
Table 94. i.MX 7Solo 19 x 19 mm supplies contact assignments (continued)
Rail
Pins
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com