Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC68C752B Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752B Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 32Page - NXP Semiconductors SC68C752B Datasheet HTML 33Page - NXP Semiconductors SC68C752B Datasheet HTML 34Page - NXP Semiconductors SC68C752B Datasheet HTML 35Page - NXP Semiconductors SC68C752B Datasheet HTML 36Page - NXP Semiconductors SC68C752B Datasheet HTML 37Page - NXP Semiconductors SC68C752B Datasheet HTML 38Page - NXP Semiconductors SC68C752B Datasheet HTML 39Page - NXP Semiconductors SC68C752B Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
36 of 49
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
11. Dynamic characteristics
[1]
RCLK is an internal signal derived from Divisor Latch LSB (DLL) and Divisor Latch MSB (DLM) divisor latches.
[2]
Applies to external clock; crystal oscillator max 24 MHz.
[3]
Maximum frequency =
Table 27:
Dynamic characteristics
Tamb = −40 °C to +85 °C; tolerance of VCC = ± 10 %, unless specified otherwise.
Symbol
Parameter
Conditions
VCC = 2.5 V
VCC = 3.3 V and 5 V
Unit
Min
Max
Min
Max
td1
R/W to chip select
10
-
10
-
ns
td2
read cycle delay
25 pF load
20
-
20
-
ns
td3
delay from CS to data
25 pF load
-
77
-
26
ns
td4
data disable time
25 pF load
-
15
-
15
ns
td6
write cycle delay
25
-
25
-
ns
td7
delay from WRITE to output
25 pF load
-
100
-
33
ns
td8
delay to set interrupt from modem
input
25 pF load
-
100
-
24
ns
td9
delay to reset interrupt from READ
25 pF load
-
100
-
24
ns
td10
delay from stop to set interrupt
-
1TRCLK [1]
-1TRCLK [1]
s
td11
delay from READ to reset interrupt
25 pF load
-
100
-
29
ns
td12
delay from start to set interrupt
-
100
-
100
ns
td13
delay from WRITE to transmit start
8TRCLK [1] 24TRCLK [1] 8TRCLK [1] 24TRCLK [1] s
td14
delay from WRITE to reset interrupt
-
100
-
70
ns
td15
delay from stop to set RXRDY-
1TRCLK [1]
-1TRCLK [1]
s
td16
delay from READ to reset RXRDY
-
100
-
75
ns
td17
delay from WRITE to set TXRDY
-
100
-
70
ns
td18
delay from start to reset TXRDY
-
16TRCLK [1]
-
16TRCLK [1] s
th2
R/W hold time from CS
10
-
10
-
ns
th3
data hold time
15
-
15
-
ns
th4
address hold time
15
-
15
-
ns
tw1, tw2
clock cycle period
10
-
6
-
ns
fXTAL1
frequency on pin XTAL1
[2] [3]
-
48
-
80
MHz
t(RESET)
RESET pulse width
200
-
200
-
ns
tsu1
address setup time
10
-
10
-
ns
tsu2
data setup time
16
-
16
-
ns
tw1
CS strobe width
77
-
30
-
ns
1
t
3w
-------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com