Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC68C752B Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752B Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 22Page - NXP Semiconductors SC68C752B Datasheet HTML 23Page - NXP Semiconductors SC68C752B Datasheet HTML 24Page - NXP Semiconductors SC68C752B Datasheet HTML 25Page - NXP Semiconductors SC68C752B Datasheet HTML 26Page - NXP Semiconductors SC68C752B Datasheet HTML 27Page - NXP Semiconductors SC68C752B Datasheet HTML 28Page - NXP Semiconductors SC68C752B Datasheet HTML 29Page - NXP Semiconductors SC68C752B Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
26 of 49
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Remark: The three error bits (parity, framing, break) may not be updated correctly in the
first read of the LSR when the input clock (XTAL1) is running faster than 36 MHz.
However, the second read is always correct. It is strongly recommended that when using
this device with a clock faster than 36 MHz, that the LSR be read twice and only the
second read be used for decision making. All other bits in the LSR are correct on all
reads.
7.6 Modem Control Register (MCR)
The MCR controls the interface with the mode, data set, or peripheral device that is
emulating the modem. Table 15 shows Modem Control Register bit settings.
[1]
MCR[7:5] can only be modified when EFR[4] is set, that is, EFR[4] is a write enable.
Table 15:
Modem Control Register bits description
Bit
Symbol
Description
7
MCR[7] [1]
Clock select.
logic 0 = divide-by-1 clock input
logic 1 = divide-by-4 clock input
6
MCR[6] [1]
TCR and TLR enable.
logic 0 = no action.
logic 1 = enable access to the TCR and TLR registers
5
MCR[5] [1]
Xon Any.
logic 0 = disable Xon Any function
logic 1 = enable Xon Any function
4
MCR[4]
Enable loopback.
logic 0 = normal operating mode
logic 1 = Enable local Loopback mode (internal). In this mode the
MCR[3:0] signals are looped back into MSR[7:4] and the TX output is
looped back to the RX input internally.
3
MCR[3]
OPA/OPB control.
logic 0 = forces OPA/OPB output to HIGH state
logic 1 = forces OPA/OPB output to LOW state. In Loopback mode,
controls MSR[7].
2
MCR[2]
FIFO Ready enable.
logic 0 = Disable the FIFO Rdy register
logic 1 = Enable the FIFO Rdy register. In Loopback mode, controls
MSR[6].
1
MCR[1]
RTS
logic 0 = force RTS output to inactive (HIGH)
logic 1 = force RTS output to active (LOW). In Loopback mode, controls
MSR[4]. If Auto-RTS is enabled, the RTS output is controlled by
hardware flow control.
0
MCR[0]
DTR
logic 0 = force DTR output to inactive (HIGH)
logic 1 = force DTR output to active (LOW). In Loopback mode, controls
MSR[5].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com