Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC6421 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 28Page - Texas Instruments DLPC6421 Datasheet HTML 29Page - Texas Instruments DLPC6421 Datasheet HTML 30Page - Texas Instruments DLPC6421 Datasheet HTML 31Page - Texas Instruments DLPC6421 Datasheet HTML 32Page - Texas Instruments DLPC6421 Datasheet HTML 33Page - Texas Instruments DLPC6421 Datasheet HTML 34Page - Texas Instruments DLPC6421 Datasheet HTML 35Page - Texas Instruments DLPC6421 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
CL = Crystal load capacitance (Farads)
CL1 = 2 * (CL ± CStray-MOSC)
CL2 = 2 * (CL ± CStray-MOSCN)
CStray-MOSC = Sum of Package & PCB capacitance at the crystal
pin associated with ASIC signal MOSC.
CStray-MOSCN = Sum of Package & PCB capacitance at the crystal
pin associated with ASIC signal MOSCN.
MOSC
MOSCN
CL1
CL2
RS
RFB
32
DLPC6421
DLPS117 – JULY 2018
www.ti.com
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 8. Recommended Crystal Configuration (continued)
PARAMETER
RECOMMENDED
UNIT
(1)
Typical drive level with the XSA020000FK1H-OCX Crystal (ESRmax = 40 Ω) = 50 µW.
Crystal frequency temperature stability
+/- 30
PPM
Overall crystal frequency tolerance (including
accuracy, stability, aging, and trim sensitivity)
+/- 100
PPM
Crystal Equivalent Series Resistor (ESR)
50 max
Ω
Crystal load
20
pF
Crystal shunt load
7 max
pF
RS drive resistor (nominal)
100
Ω
RFB feedback resistor (nominal)
1
MΩ
CL1 external crystal load capacitor (MOSC)
See (1)
pF
CL2 external crystal load capacitor (MOSCN)
See (1)
pF
PCB layout
TI recommends a ground isolation ring
around the crystal oscillator.
Figure 12. Recommended Crystal Oscillator Configuration
It is assumed that the external crystal oscillator will stabilize within 50 ms after stable power is applied.
8.2.2 Detailed Design Procedure
For connecting the DLPC6421 controller and the DLP470TP DMD together, see the reference design schematic.
Layout guidelines should be followed to achieve a reliable projector. To complete the DLP system, an optical
module or light engine is required that contains the DLP470TP DMD, associated illumination sources, optical
elements, and necessary mechanical components.
8.2.3 General Handling Guidelines for Unused CMOS-type Pins
To avoid potentially damaging current caused by floating CMOS input-only pins, it is recommended that unused
ASIC input pins be tied through a pull-up resistor to its associated power supply or a pull-down to ground. For
DLPC6421 inputs with an internal pull-up or pull-down resistors, it is unnecessary to add an external pull-up/ pull
down unless specifically recommended. Note that internal pull-up & pull-down resistors are weak and should not
be expected to drive the external line.
Unused output-only pins can be left open. When possible, it is recommended that unused Bi-directional I/O pins
be configured to their output state such that the pin can be left open. If this control is not available and the pins
may become an input, then they should be pulled-up (or down) using an appropriate resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com