Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC6421 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 5 Page - Texas Instruments

  DLPC6421 Datasheet HTML 1Page - Texas Instruments DLPC6421 Datasheet HTML 2Page - Texas Instruments DLPC6421 Datasheet HTML 3Page - Texas Instruments DLPC6421 Datasheet HTML 4Page - Texas Instruments DLPC6421 Datasheet HTML 5Page - Texas Instruments DLPC6421 Datasheet HTML 6Page - Texas Instruments DLPC6421 Datasheet HTML 7Page - Texas Instruments DLPC6421 Datasheet HTML 8Page - Texas Instruments DLPC6421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
5
DLPC6421
www.ti.com
DLPS117 – JULY 2018
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Configurations and Functions (continued)
PIN
(1)
I/O
(2)
DESCRIPTION
NAME
NO.
(4)
Ports 1 and 2 can each be used to support multiple source options for a given product. To do so, the data bus from both source
components must be connected to the same port pins (1 or 2) and control given to the DLPC6421 device to tri-state the "inactive"
source. Tying them together like this will cause some signal degradation due to reflections on the tri-stated path. Given the clock is the
most critical signal, Port clocks (1 and 2) are provided to provide an option to improve the signal integrity.
(5)
Ports 1 and 2 can be combined into one 60-bit port (typically for high data rate sources) for transmission of two pixels per clock.
(6)
The A, B, C input data channels of Ports 1 and 2 can be internally re-configured/ re-mapped for optimum board layout.
(7)
Sources feeding less than the full 10-bits per color component channel should be MSB justified when connected to the DLPC6421
controller and the LSBs tied off to zero. For example an 8-bit per color input should be connected to bits 9:2 of the corresponding A, B,
C input channel.
TSTPT_1
D3
B2
Test pin 1 - This signal provides internal pull-downs. Additionally, TI recommends
that jumper options be provided for connecting TSTPT(2:0) to external pull-ups.
TSTPT_0
C2
B2
Test pin 0 - This signal provides internal pull-downs. Additionally, TI recommends
that jumper options be provided for connecting TSTPT(2:0) to external pull-ups.
DEVICE TEST
HW_TEST_EN
M25
I4
Device manufacturing test enable; This signal includes an internal pull-down and
utilizes hysteresis. TI recommends that this signal be tied to an external ground in
normal operation for added protection.
ANALOG FRONT END
AFE_ARSTZ
AC12
O2
Reserved
AFE_CLK
AD12
O6
Reserved
AFE_IRQ
AB13
I4
Reserved
PORT1 and PORT 2 CHANNEL DATA and CONTROL
(4) (5) (6) (7)
P_CLK1
AE22
I4
Input port data pixel write clock (selectable as rising or falling edge triggered, and
which port it is associated with (A or B or (A and B))). This signal includes an internal
pull-down.
P_CLK2
W25
I4
Input port data pixel write clock (selectable as rising or falling edge triggered, and
which port it is associated with (A or B or (A and B))). This signal includes an internal
pull-down.
P_CLK3
AF23
I4
Input port data pixel write clock (selectable as rising or falling edge triggered, and
which port it is associated with (A or B or (A and B))). This signal includes an internal
pull-down.
P_DATAEN1
AF22
I4
Active high data enable. Selectable as to which port it is associated with (A or B or (A
and B)).This signal includes an internal pull-down.
P_DATAEN2
W24
I4
Active high data enable. Selectable as to which port it is associated with (A or B or (A
and B)).This signal includes an internal pull-down.
P1_A_9
AD15
I4
Port 1 A Channel Input Pixel Data (bit weight 128)
P1_A_8
AE15
I4
Port 1 A Channel Input Pixel Data (bit weight 64)
P1_A_7
AE14
I4
Port 1 A Channel Input Pixel Data (bit weight 32)
P1_A_6
AE13
I4
Port 1 A Channel Input Pixel Data (bit weight 16)
P1_A_5
AD13
I4
Port 1 A Channel Input Pixel Data (bit weight 8)
P1_A_4
AC13
I4
Port 1 A Channel Input Pixel Data (bit weight 4)
P1_A_3
AF14
I4
Port 1 A Channel Input Pixel Data (bit weight 2)
P1_A_2
AF13
I4
Port 1 A Channel Input Pixel Data (bit weight 1)
P1_A_1
AF12
I4
Port 1 A Channel Input Pixel Data (bit weight 0.5)
P1_A_0
AE12
I4
Port 1 A Channel Input Pixel Data (bit weight 0.25)
P1_B_9
AF18
I4
Port 1 B Channel Input Pixel Data (bit weight 128)
P1_B_8
AB18
I4
Port 1 B Channel Input Pixel Data (bit weight 64)
P1_B_7
AC15
I4
Port 1 B Channel Input Pixel Data (bit weight 32)
P1_B_6
AC16
I4
Port 1 B Channel Input Pixel Data (bit weight 16)
P1_B_5
AD16
I4
Port 1 B Channel Input Pixel Data (bit weight 8)
P1_B_4
AE16
I4
Port 1 B Channel Input Pixel Data (bit weight 4)
P1_B_3
AF16
I4
Port 1 B Channel Input Pixel Data (bit weight 2)
P1_B_2
AF15
I4
Port 1 B Channel Input Pixel Data (bit weight 1)
P1_B_1
AC14
I4
Port 1 B Channel Input Pixel Data (bit weight 0.5)
P1_B_0
AD14
I4
Port 1 B Channel Input Pixel Data (bit weight 0.25)
P1_C_9
AD20
I4
Port 1 C Channel Input Pixel Data (bit weight 128)
P1_C_8
AE20
I4
Port 1 C Channel Input Pixel Data (bit weight 64)
P1_C_7
AE21
I4
Port 1 C Channel Input Pixel Data (bit weight 32)
P1_C_6
AF21
I4
Port 1 C Channel Input Pixel Data (bit weight 16)
P1_C_5
AD19
I4
Port 1 C Channel Input Pixel Data (bit weight 8)
P1_C_4
AE19
I4
Port 1 C Channel Input Pixel Data (bit weight 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com