Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC6421 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 4 Page - Texas Instruments

  DLPC6421 Datasheet HTML 1Page - Texas Instruments DLPC6421 Datasheet HTML 2Page - Texas Instruments DLPC6421 Datasheet HTML 3Page - Texas Instruments DLPC6421 Datasheet HTML 4Page - Texas Instruments DLPC6421 Datasheet HTML 5Page - Texas Instruments DLPC6421 Datasheet HTML 6Page - Texas Instruments DLPC6421 Datasheet HTML 7Page - Texas Instruments DLPC6421 Datasheet HTML 8Page - Texas Instruments DLPC6421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
DLPC6421
DLPS117 – JULY 2018
www.ti.com
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
For instructions on handling unused pins, see General Handling Guidelines for Unused CMOS-type Pins.
(2)
I/O Type: I = Input, O = Output, B = Bidirectional, and H = Hysteresis. See Table 1 for subscript explanation.
(3)
All JTAG signals are LVTTL compatible.
Pin Configurations and Functions
PIN
(1)
I/O
(2)
DESCRIPTION
NAME
NO.
POSENSE
P22
I4
Power-On Sense, High true, signal provided from an external voltage monitor circuit.
This signal should be driven active (high) when all DLPC6421 supply voltages have
reached 90% of their specified minimum voltage. This signal should be driven
inactive (low) after the falling edge of PWRGOOD as specified.
PWRGOOD
T26
I4
Power Good, High true, signal from external power supply or voltage monitor. A high
value indicates all power is within operating voltage specs and the system is safe to
exit its reset state. A transition from high to low is used to indicate that the controller
or DMD supply voltage will drop below their rated minimum level. This transition must
occur prior to the supply voltage drop as specified. During this interval, POSENSE
must remain active high. This is an early warning of an imminent power loss
condition. This warning is required to enhance long term DMD reliability. A DMD park
followed by a full controller reset is performed by the DLPC6421 controller when
PWRGOOD goes low for the specified minimum, protecting the DMD. This minimum
de-assertion time is used to protect the input from glitches. Following this the
DLPC6421 controller will be held in its reset state as long as PWRGOOD is low.
PWRGOOD must be driven high for normal operation. The DLPC6421 controller will
acknowledge PWRGOOD as active once it’s been driven high for it’s specified
minimum time. Uses hysteresis.
EXT_ARTZ
T24
O2
General purpose, LOW true, reset output. This output is asserted low immediately
upon asserting power-up reset (POSENSE) low and remains low while POSENSE
remains low. EXT_ARSTZ continues to be held low after the release of power-up
reset (that is, POSENSE set high) until released by software. EXT_ARSTZ is also
asserted low approximately 5 µs after the detection of a PWRGOOD or any internally
generated reset. In all cases it will remain active for a minimum of 2 ms. Note that the
DLPC6421 contains a software register that can be used to independently drive this
output.
MTR_ARTZ
T25
O2
Reserved
BOARD LEVEL TEST AND INITIALIZATION
(3)
TDI
N25
I4
JTAG serial data in
TCK
N24
I4
JTAG serial data clock
TMS1
P25
I4
JTAG test mode select
TMS2
P26
I4
JTAG test mode select
TDO1
N23
O5
JTAG serial data out
TDO2
N22
O5
JTAG serial data out
TRSTZ
M23
I4
JTAG reset. This signal includes an internal pull-up and utilizes hysteresis. This pin
should be pulled high (or left unconnected) when the JTAG interface is in use for
boundary scan or ARM debug. Connect this pin to ground otherwise. Failure to tie
this pin low during normal operation will cause startup and initialization problems.
RTCK
E4
O2
JTAG return clock
ETM_PIPESTAT_2
A4
B2
ETM trace port pipeline status. Indicates the pipeline status of the ARM core. These
signals include internal pull-downs.
ETM_PIPESTAT_1
B5
B2
ETM_PIPESTAT_0
C6
B2
ETM_TRACESYNC
A5
B2
ETM trace port synchronization signal, indicating the start of a branch sequence on
the trace packet port. This signal includes an internal pull-down.
ETM_TRACECLK
D7
B2
ETM trace port clock. This signal includes an internal pull-down.
ICTSEN
M24
I4
IC tri-State enable (active high). Asserting high will tri-state all outputs except the
JTAG interface. This signal includes an internal pull-down however TI recommends
an external pull-down for added protection. Uses hysteresis.
TSTPT_7
E8
B2
Test pin 7 - This signal provides internal pull-downs.
Normal use: reserved for test output. Should be left open or unconnected for normal
use.
TSTPT_6
B4
B2
Test pin 6 - This signal provides internal pull-downs.
Normal use: reserved for test output. Should be left open or unconnected for normal
use.
TSTPT_5
C4
B2
Test pin 5 - This signal provides internal pull-downs.
Normal use: reserved for test output. Should be left open or unconnected for normal
use.
TSTPT_4
E7
B2
Test pin 4 - This signal provides internal pull-downs.
Normal use: reserved for test output. Should be left open or unconnected for normal
use.
TSTPT_3
D5
B2
Test pin 3 - This signal provides internal pull-downs.
Normal use: reserved for test output. Should be left open or unconnected for normal
use.
TSTPT_2
E6
B2
Test pin 2 - This signal provides internal pull-downs. Additionally, TI recommends
that jumper options be provided for connecting TSTPT(2:0) to external pull-ups.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com