Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC6421 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 35Page - Texas Instruments DLPC6421 Datasheet HTML 36Page - Texas Instruments DLPC6421 Datasheet HTML 37Page - Texas Instruments DLPC6421 Datasheet HTML 38Page - Texas Instruments DLPC6421 Datasheet HTML 39Page - Texas Instruments DLPC6421 Datasheet HTML 40Page - Texas Instruments DLPC6421 Datasheet HTML 41Page - Texas Instruments DLPC6421 Datasheet HTML 42Page - Texas Instruments DLPC6421 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
39
DLPC6421
www.ti.com
DLPS117 – JULY 2018
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Layout Guidelines (continued)
(1)
Line width is expected to be adjusted to achieve impedance requirements
Table 9. General PCB Routing (Applies to All Corresponding PCB Signals)
PARAMETER
APPLICATION
SINGLE-ENDED SIGNAL
DIFFERENTIAL PAIRS
UNIT
Line width (W)(1)
Escape Routing in Ball
Field
4 (0.1)
4 (0.1)
mil (mm)
PCB Etch Data or Control
7 (0.18)
4.25 (0.11)
mil (mm)
PCB Etch Clocks
7 (0.18)
4.25 (0.11)
mil (mm)
Minimum Line spacing to
other signals (S)
Escape Routing in Ball
Field
4 (0.1)
4 (0.1)
mil (mm)
PCB Etch Data or Control
10 (0.25)
20 (0.51)
mil (mm)
PCB Etch Clocks
20 (0.51)
20 (0.51)
mil (mm)
(1)
These values apply to the PCB routing only. They do not include any internal package routing mismatch associated with the DLPC6421
controller or the DMD. Additional margin can be attained if internal DLPC6421 package skew is taken into account.
(2)
To minimize EMI radiation, serpentine routes added to facilitate matching should be implemented on signal layers only, and between
reference planes.
Table 10. DMD I/F, PCB Interconnect Length Matching Requirements(1)(2)
SIGNAL GROUP LENGTH MATCHING
I/F
SIGNAL GROUP
REFERENCE SIGNAL
MAX MISMATCH
UNIT
DMD (LVDS)
SCA_P,SCA_N,
DDA_P(15:0),
DDA_N(15:0)
DCKA_P, DCKA_N
+/-150 (+/-3.81)
mil (mm)
DMD (LVDS)
SCB_P,SCB_N,
DDB_P(15:0),
DDB_N(15:0)
DCKB_P, DCKB_N
+/-150 (+/-3.81)
mil (mm)
Number of layer changes:
•
Single ended signals: Minimize
•
Differential signals: Individual differential pairs can be routed on different layers but the signals of a given pair
should not change layers.
Termination requirements:
•
DMD Interface: None, the DMD receiver is differentially terminated to 100 ohm internally
Connector (DMD-LVDS I/F bus only) - High Speed Connectors that meet the following requirements should
be used:
● Differential Crosstalk
<5 %
● Differential Impedance
75-125 ohms
Routing requirements for right angle connectors:
When using right angle connectors, P-N pairs should be routed in same row to minimize delay mismatch.
When using right angle connectors, propagation delay difference for each row should be accounted for on
associated PCB etch lengths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com