Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC6421 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 41 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 37Page - Texas Instruments DLPC6421 Datasheet HTML 38Page - Texas Instruments DLPC6421 Datasheet HTML 39Page - Texas Instruments DLPC6421 Datasheet HTML 40Page - Texas Instruments DLPC6421 Datasheet HTML 41Page - Texas Instruments DLPC6421 Datasheet HTML 42Page - Texas Instruments DLPC6421 Datasheet HTML 43Page - Texas Instruments DLPC6421 Datasheet HTML 44Page - Texas Instruments DLPC6421 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
41
DLPC6421
www.ti.com
DLPS117 – JULY 2018
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 17. Layer 4
10.1.4 Thermal Considerations
The underlying thermal limitation for the DLPC6421 device is that the maximum operating junction temperature
(TJ) not be exceeded (this is defined in the Recommended Operating Conditions). This temperature is dependent
on operating ambient temperature, airflow, PCB design (including the component layout density and the amount
of copper used), power dissipation of the DLPC6421 device and power dissipation of surrounding components.
The DLPC6421 package is designed primarily to extract heat through the power and ground planes of the PCB,
thus copper content and airflow over the PCB are important factors.
The recommended maximum operating ambient temperature (TA) is provided primarily as a design target and is
based on maximum DLPC6421 power dissipation and RθJA at 1 m/s of forced airflow, where RθJA is the thermal
resistance of the package as measured using a JEDEC defined standard test PCB. This JEDEC test PCB is not
necessarily representative of the DLPC6421 PCB, and thus the reported thermal resistance may not be accurate
in the actual product application. Although the actual thermal resistance may be different, it is the best
information available during the design phase to estimate thermal performance. However, after the PCB is
designed and the product is built, TI highly recommends that thermal performance be measured and validated.
To do this, the top center case temperature should be measured under the worse case product scenario (max
power dissipation, max voltage, max ambient temp) and validated not to exceed the maximum recommended
case temperature (TC). This specification is based on the measured φJT for the DLPC6421 package and provides
a relatively accurate correlation to junction temperature. Note that care must be taken when measuring this case
temperature to prevent accidental cooling of the package surface. TI recommends a small (approx 40 gauge)
thermocouple. The bead and the thermocouple wire should contact the top of the package and be covered with a
minimal amount of thermally conductive epoxy. The wires should be routed closely along the package and the
board surface to avoid cooling the bead through the wires.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com