Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC6421 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC6421 Datasheet HTML 1Page - Texas Instruments DLPC6421 Datasheet HTML 2Page - Texas Instruments DLPC6421 Datasheet HTML 3Page - Texas Instruments DLPC6421 Datasheet HTML 4Page - Texas Instruments DLPC6421 Datasheet HTML 5Page - Texas Instruments DLPC6421 Datasheet HTML 6Page - Texas Instruments DLPC6421 Datasheet HTML 7Page - Texas Instruments DLPC6421 Datasheet HTML 8Page - Texas Instruments DLPC6421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
DLPC6421
Display Controller
Power
Management
DLP470TP
DMD
DLPC6421
Display Controller
1.8 V
VBIAS
VRESET
PG_OFFSET
EN_OFFSET
3.3 V to 1.8 V
Translators
DAD_CTRL
SCP_CTRL
VREG
DAD_CTRL
SCP_CTRL
C/D DMD DATA
C/D DMD DCLK
C/D DMD SCTRL
A/B DMD DATA
A/B DMD DCLK
A/B DMD SCTRL
VOFFSET
FPGA
XC7A200T-
2FBG676C4525
60 Bit
60 Bit
Vx1
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DLPC6421
DLPS117 – JULY 2018
DLPC6421 DLP® Display Controller
1
1 Features
1
•
Dual DLP Controller Support For Up to 4K Ultra
High Definition (UHD) Resolution Display Using
DLP470TP Digital Micromirror Device (DMD)
–
Up to 4K at 60 Hz
–
Up to 240 Hz at 1080p
–
Up to 120 Hz (3D) at 1080p
•
Provides One 60-bit Input Pixel Interface:
–
RGB Data Format
–
10 Bits per Color
–
Pixel Clock Support Up to 160 MHz for 60-bit
•
High-Speed, Low-Voltage Differential Signaling
(LVDS) DMD Interface
•
Microprocessor Peripherals
–
Three I2C Ports, One UART Port and One
SSP Port
–
One USB 1.1 Slave Port
•
Image Processing
–
Multiple Image Processing Algorithms
–
Frame Rate Conversion
–
Color Coordinate Adjustment
–
Programmable Color Space Conversion
–
Programmable Degamma and Splash
–
Integrated Support for 3-D Display
–
1-D Keystone
•
Integrated Clock Generation Circuitry
–
Operates on a Single 20-MHz Crystal
–
Integrated Spread Spectrum Clocking
•
External Memory Support
–
Parallel Flash for Microprocessor and PWM
Sequence
•
516 Pin Plastic Ball Grid Array Package
•
Supports LED Systems
2 Applications
•
Mobile Smart TV
•
Mobile Projector
•
Digital Signage
•
Commercial Gaming
•
Smart Home Displays
•
Mobile Home Cinema
3 Description
The DLPC6421 is a digital display controller for the
DLP 4K UHD display chipset. The two DLPC6421
display controllers, together with the DLP470TP DMD
and
DLPA3000/DLPA3005
power
management
comprise the chipset. This solution is a great fit for
display systems that require high resolution and high
brightness in a small form factor. To ensure reliable
operation, the DLPC6421 display controller must
always be used with the DLP470TP DMD and the
DLPA3000/DLPA3005 power management integrated
circuit.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLPC6421
ZPC (516)
27.00 mm × 27.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DLPC6421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC6421 TI1-DLPC6421 Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
DLPC6421AZPC TI1-DLPC6421AZPC Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
DLPC6421ZPC TI1-DLPC6421ZPC Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
DLPC6421 TI1-DLPC6421_V01 Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
More results

Similar Description - DLPC6421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC350 TI-DLPC350 Datasheet
1Mb / 50P
DLP Digital Controller for the DLP4500 DMD
DLPC350ZFF TI1-DLPC350ZFF Datasheet
1Mb / 50P
DLP Digital Controller for the DLP4500 DMD
DLPC200 TI1-DLPC200 Datasheet
1Mb / 52P
DLP Digital Controller
DLPC300 TI1-DLPC300_15 Datasheet
1Mb / 51P
DLP Digital Controller
logo
Panasonic Semiconductor
PT-LW271 PANASONIC-PT-LW271 Datasheet
1Mb / 12P
DLP Projector
logo
Texas Instruments
DLPC4422 TI1-DLPC4422 Datasheet
191Kb / 7P
DLP Display Controller
DLPC200 TI1-DLPC200_17 Datasheet
1Mb / 52P
DLP Digital Controller for the DLP5500 DMD
DLPC4422 TI1-DLPC4422_V01 Datasheet
1Mb / 49P
DLPC4422 DLP Display Controller
DLPC6421 TI1-DLPC6421_V01 Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
DLPC1438 TI-DLPC1438 Datasheet
698Kb / 14P
DLPC1438 Digital Controller for DLP 3D Printers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com