Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC6421 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 5Page - Texas Instruments DLPC6421 Datasheet HTML 6Page - Texas Instruments DLPC6421 Datasheet HTML 7Page - Texas Instruments DLPC6421 Datasheet HTML 8Page - Texas Instruments DLPC6421 Datasheet HTML 9Page - Texas Instruments DLPC6421 Datasheet HTML 10Page - Texas Instruments DLPC6421 Datasheet HTML 11Page - Texas Instruments DLPC6421 Datasheet HTML 12Page - Texas Instruments DLPC6421 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
9
DLPC6421
www.ti.com
DLPS117 – JULY 2018
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Configurations and Functions (continued)
PIN
(1)
I/O
(2)
DESCRIPTION
NAME
NO.
(8)
GPIO signals must be configured by software for input, output, bidirectional, or open-drain. Some GPIOs have one or more alternate use
modes, which are also software configurable. The reset default for all optional GPIOs is as an input signal. However, any alternate
function connected to these GPIO pins with the exception of general-purpose clocks and PWM generation, are reset. An external pullup
to the 3.3-V supply is required for each signal configured as open-drain. External pullup or pulldown resistors may be required to ensure
stable operation before software is able to configure these ports.
PM_DATA_11
B15
B5
Data Bit (11)
PM_DATA_10
D16
B5
Data Bit (10)
PM_DATA_9
C16
B5
Data Bit (9)
PM_DATA_8
E14
B5
Data Bit (8)
PM_DATA_7
D15
B5
Data Bit (7)
PM_DATA_6
C15
B5
Data Bit (6)
PM_DATA_5
B14
B5
Data Bit (5)
PM_DATA_4
A14
B5
Data Bit (4)
PM_DATA_3
E13
B5
Data Bit (3)
PM_DATA_2
D14
B5
Data Bit (2)
PM_DATA_1
C14
B5
Data Bit (1)
PM_DATA_0
B13
B5
Data Bit (0)
PERIPHERAL INTERFACE
IIC0_SCL
A10
B8
I
2C Bus 0, Clock. This bus support 400 kHz, fast mode operation. This signal requires
an external pull-up to 3.3-V. The minimum acceptable pull-up value is 1 kΩ. This
input is not 5 V tolerant.
IIC0_SDA
B10
B8
2C Bus 0, Data. This bus support 400 kHz, fast mode operation. This signal requires
an external pull-up to 3.3-V. The minimum acceptable pull-up value is 1 kΩ. This
input is not 5 V tolerant.
SSP0_CLK
AD4
B5
Synchronous Serial Port 0, clock
SSP0_RXD
AD5
I4
Synchronous Serial Port 0, receive data in
SSP0_TXD
AB7
O5
Synchronous Serial Port 0, transmit data out
SSP0_CSZ_0
AC5
B5
Synchronous Serial Port 0, chip select 0 (active low)
SSP0_CSZ_1
AB6
B5
Synchronous Serial Port 0, chip select 1 (active low)
SSP0_CSZ_2
AC3
B5
Synchronous Serial Port 0, chip select 2 (active low)
UART0_TXD
AB3
O5
UART0 transmit data output
UART0_RXD
AD1
O5
UART0 receive data input
UART0_RTSZ
AD2
O5
UART0 ready to send hardware flow control output (active low)
UART0_CTSZ
AE2
I4
UART0 clear to send hardware flow control input (active low)
USB_DAT_N
C5
B9
USB D- I/O
USB_DAT_P
D6
B9
USB D+ I/O
PMD_INTZ
AE8
I4
This signal requires an external pull-up. Uses hysteresis.
CW_PWM
AD8
O5
Reserved
CW_INDEX
AF7
O5
Reserved
LMPCTRL
AC9
O5
Reserved
LMPSTAT
AF8
I4
Reserved
GENERAL PURPOSE I/O (GPIO)
(8)
Software Function 1
Alternate Software Function 2
GPIO_82
E3
B5
N/A
N/A
GPIO_81
AB10
B2
N/A
N/A
GPIO_80
AD9
B2
N/A
N/A
GPIO_79
AE9
B2
HEARTBEAT(O)
N/A
GPIO_78
AF9
B2
FIELD_3D_LR (I)
N/A
GPIO_77
AB11
B2
SAS_INTGTR_EN (O)
N/A
GPIO_76
AC10
B2
SAS_CSZ (O)
N/A
GPIO_75
AD10
B2
SAS_DO (O)
SENSE_FREQ_IN (I)
GPIO_74
AE10
B2
SAS_DI (I)
N/A
GPIO_73
AF10
B2
SAS_CLK (O)
N/A
GPIO_72
K24
B2
SSP2_DI (I)
N/A
GPIO_71
K23
B2
SSP2_CLK (B)
N/A
GPIO_70
K22
B2
SSP2_CSZ_1 (B)
N/A
GPIO_69
J26
B2
SSP2_CSZ_0 (B)
N/A
GPIO_68
J25
B2
SSP2_DO (O)
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com