Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB31 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSUSB31
Description  Low-Power, Single-Port, High-Speed USB 2.0 Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB31 Datasheet(HTML) 5 Page - ON Semiconductor

  FSUSB31 Datasheet HTML 1Page - ON Semiconductor FSUSB31 Datasheet HTML 2Page - ON Semiconductor FSUSB31 Datasheet HTML 3Page - ON Semiconductor FSUSB31 Datasheet HTML 4Page - ON Semiconductor FSUSB31 Datasheet HTML 5Page - ON Semiconductor FSUSB31 Datasheet HTML 6Page - ON Semiconductor FSUSB31 Datasheet HTML 7Page - ON Semiconductor FSUSB31 Datasheet HTML 8Page - ON Semiconductor FSUSB31 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB31 Rev. 1.1.0
4
DC Electrical Characteristics
All typical values are at 25°C unless otherwise specified.
Notes:
3. Measured by the voltage drop between Dn, HSD, and Dn pins at the indicated current through the switch.
On resistance is determined by the lower of the voltage on the two ports.
4. Guaranteed by characterization.
AC Electrical Characteristics
All typical values are for VCC = 3.3V are at 25°C unless otherwise specified.
Note:
5. Guaranteed by characterization.
Symbol
Parameter
Conditions
VCC (V)
TA = −40°C to +85°C
Unit
Min.
Typ.
Max.
VIK
Clamp Diode Voltage
IIN = −18mA
3.0
-1.2
V
VIH
Input Voltage HIGH
3.0 to 3.6
1.3
V
4.3
1.7
VIL
Input Voltage LOW
3.0 to 3.6
0.5
V
4.3
0.7
IIN
Control Input Leakage
VIN = 0V to VCC
0 to VCC
-1.0
1.0
μA
IOZ
OFF State Leakage
0 ≤ HSD ≤ VCC
4.3
-2.0
2.0
μA
IOFF
Power OFF Leakage
Current (D+, D–)
VIN = 0.0V to 4.3V,
VCC = 0V
0-2.0
2.0
μA
RON
Switch On Resistance(3)
VIN = 0.4V, ION = −8mA
3.0
6.5
10.0
Ω
ΔRON
Delta RON
(4)
VIN = 0.4V, ION = −8mA
3.0
0.35
Ω
RON Flatness RON Flatness
(3)
VIN = 0.0V −1.0V,
ION = −8mA
3.0
2.0
Ω
ICC
Quiescent Supply Current
VIN = 0.0V or VCC,
IOUT = 0
4.3
1.0
μA
ICCT
Increase in ICC Current
per Control Voltage and
VCC Levels
VIN = 2.6V, VCC = 4.3V
4.3
10.0
μA
Symbol
Parameter
Conditions
VCC (V)
TA = −40°C to +85°C
Unit
Figure
Number
Min.
Typ.
Max.
tON
Turn-On Time,
OE to Output
VIN = 0.8V, RL = 50Ω,
CL = 5pF
3.0 to 3.6
15.0
30.0
ns
Figure 13
tOFF
Turn-Off Time,
OE to Output
VIN = 0.8V, RL = 50Ω,
CL = 5pF
3.0 to 3.6
12.0
25.0
ns
Figure 13
tPD
Propagation Delay(5)
RL = 50Ω, CL = 5pF
3.3
0.25
ns
Figure 11
Figure 12
tBBM
Break-Before-Make
RL = 50Ω, CL = 5pF,
VIN = 0.8V
3.0 to 3.6
2.0
6.5
ns
Figure 14
OIRR
Off Isolation
(Non-Adjacent)
RT = 50Ω, f = 240MHz
3.0 to 3.6
-35.0
dB
Figure 17
Xtalk
Non-Adjacent Channel
Crosstalk
RT = 50Ω, f = 240MHz
3.0 to 3.6
-55.0
dB
Figure 18
BW
-3dB Bandwidth
RT = 50Ω, CL = 0pF
3.0 to 3.6
720
MHz
Figure 16
RT = 50Ω, CL = 5pF
550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com