Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB31 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSUSB31
Description  Low-Power, Single-Port, High-Speed USB 2.0 Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB31 Datasheet(HTML) 2 Page - ON Semiconductor

  FSUSB31 Datasheet HTML 1Page - ON Semiconductor FSUSB31 Datasheet HTML 2Page - ON Semiconductor FSUSB31 Datasheet HTML 3Page - ON Semiconductor FSUSB31 Datasheet HTML 4Page - ON Semiconductor FSUSB31 Datasheet HTML 5Page - ON Semiconductor FSUSB31 Datasheet HTML 6Page - ON Semiconductor FSUSB31 Datasheet HTML 7Page - ON Semiconductor FSUSB31 Datasheet HTML 8Page - ON Semiconductor FSUSB31 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB31 Rev. 1.1.0
February 2009
FSUSB31
Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps)
Switch
Features
Low On Capacitance: 3.7pF (Typical)
Low On Resistance: 6.5Ω (Typical)
Low Power Consumption: 1µA (Maximum)
– 10µA Maximum ICCT Over an Expanded Control
Voltage Range: VIN = 2.6V, VCC = 4.3V
Wide -3dB Bandwidth: > 720MHz
8kV I/O to GND ESD Protection
Power-off Protection When VCC = 0V, D+ / D- Pins Can
Tolerate up to 5.5V
Packaged in:
– 8-lead MicroPak™ (1.6 x 1.6mm)
– 8-lead US8
– 8-lead Ultrathin MLP (1.2 x 1.4mm)
Applications
Cell Phone, PDA, Digital Camera, and Notebook
LCD Monitor, TV, and Set-top Box
Related Resources
AN-6022 Using the FSUSB30/31 to Comply with
USB 2.0 Fault Condition Requirements
Description
The FSUSB31 is a low-power, single-port, high-speed
USB 2.0 switch. This part is configured as a double-pole,
single-throw switch and is optimized for switching or iso-
lating a high-speed (480Mbps) source or a high-speed
and full-speed (12Mbps) source. The FSUSB31 is com-
patible with the requirements of USB2.0 and features an
extremely low on capacitance (CON) of 3.7pF. The wide
bandwidth of this device (>720MHz) exceeds the band-
width needed to pass the third harmonic, resulting in sig-
nals with minimum edge and phase distortion. Superior
channel-to-channel crosstalk minimizes interference.
The FSUSB31 contains special circuitry on the D+ / D-
pins that allows the device to withstand an over-voltage
condition. This device is also designed to minimize cur-
rent consumption even when the control voltage applied
to the OE pin is lower than the supply voltage (VCC). This
feature is especially valuable for mobile applications,
such as cell phones, allowing direct interface with the
general-purpose I/Os of the baseband processor. Other
applications include port isolation and switching in porta-
ble cell phones, PDAs, digital cameras, printers, and
notebook computers.
Ordering Information
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Application Diagram
Figure 1. Typical Application Diagram
Part Number
Package
Eco Status
Package Description
FSUSB31K8X
MAB08A
Green
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide
FSUSB31L8X
MAC08A
RoHS
8-Lead MicroPak, 1.6mm Wide
FSUSB31UMX
UMLP08A
Green
8-Lead, Ultrathin Molded Leadless Package (UMLP), 1.2 x 1.4mm
Base Band
Processor
or FS USB
Controller
HS USB
Controller
VCC
USB
Connector
FSUSB31
D+
D–
OE
MicroPak™ is a trademark of Fairchild Semiconductor Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com