Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB31 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSUSB31
Description  Low-Power, Single-Port, High-Speed USB 2.0 Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB31 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSUSB31 Datasheet HTML 2Page - ON Semiconductor FSUSB31 Datasheet HTML 3Page - ON Semiconductor FSUSB31 Datasheet HTML 4Page - ON Semiconductor FSUSB31 Datasheet HTML 5Page - ON Semiconductor FSUSB31 Datasheet HTML 6Page - ON Semiconductor FSUSB31 Datasheet HTML 7Page - ON Semiconductor FSUSB31 Datasheet HTML 8Page - ON Semiconductor FSUSB31 Datasheet HTML 9Page - ON Semiconductor FSUSB31 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB31 Rev. 1.1.0
5
USB Hi-Speed Related AC Electrical Characteristics
Note:
6. Guaranteed by design.
Capacitance
Symbol
Parameter
Conditions
VCC (V)
TA = −40°C to
+85°C
Unit
Figure
Number
Min.
Typ.
Max.
tSK(O)
Channel-to-Chan-
nel Skew(6)
CL = 5pF
3.0 to 3.6
50.0
ps
Figure 11
Figure 15
tSK(P)
Skew of Opposite
Transitions of the
Same Output(6)
CL = 5pF
3.0 to 3.6
20.0
ps
Figure 11
Figure 15
tJ
Total Jitter(6)
RL = 50Ω, CL = 5pF,
tR = tF = 500ps at 480 Mbps
(PRBS = 215 − 1)
3.0 to 3.6
200
ps
Symbol
Parameter
Conditions
TA = −40°C to +85°C
Unit
Figure
Number
Min.
Typ.
Max.
CIN
Control Pin Input Capacitance
VCC = 0V
1.0
pF
Figure 20
CON
On Capacitance
VCC = 3.3V, OE = 0V
3.7
pF
Figure 19
COFF
Off Capacitance
VCC and OE = 3.3V
1.7
pF
Figure 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com