Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB31 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FSUSB31
Description  Low-Power, Single-Port, High-Speed USB 2.0 Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB31 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FSUSB31 Datasheet HTML 6Page - ON Semiconductor FSUSB31 Datasheet HTML 7Page - ON Semiconductor FSUSB31 Datasheet HTML 8Page - ON Semiconductor FSUSB31 Datasheet HTML 9Page - ON Semiconductor FSUSB31 Datasheet HTML 10Page - ON Semiconductor FSUSB31 Datasheet HTML 11Page - ON Semiconductor FSUSB31 Datasheet HTML 12Page - ON Semiconductor FSUSB31 Datasheet HTML 13Page - ON Semiconductor FSUSB31 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB31 Rev. 1.1.0
9
Test Diagrams (Continued)
Figure 17. Channel Off Isolation
Figure 18. Non-Adjacent Channel-to-Channel Crosstalk
Figure 19. Channel On Capacitance
Figure 20. Channel Off Capacitance
RT
RS
VIN
FSUSB31
GND
Network Analyzer
VOUT
GND
VS
GND
GND
OFF-Isolation = 20 Log (VOUT / VIN)
RT
GND
GND
VOE
RT
RS
VIN
FSUSB31
GND
Network Analyzer
VOUT
GND
NC
VS
GND
GND
RS and RT are functions of the application environment
(50, 75 or 100Ω).
Crosstalk = 20 Log (VOUT / VIN)
RT
GND
GND
VOE
FSUSB31
Dn
Capacitance
Meter
F = 240MHz
HSDn
FSUSB31
Dn
Capacitance
Meter
F = 240MHz
VOE = 0 or VCC
HSDn
OE
VOE = 0 or VCC
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com