Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB31 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSUSB31
Description  Low-Power, Single-Port, High-Speed USB 2.0 Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB31 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSUSB31 Datasheet HTML 4Page - ON Semiconductor FSUSB31 Datasheet HTML 5Page - ON Semiconductor FSUSB31 Datasheet HTML 6Page - ON Semiconductor FSUSB31 Datasheet HTML 7Page - ON Semiconductor FSUSB31 Datasheet HTML 8Page - ON Semiconductor FSUSB31 Datasheet HTML 9Page - ON Semiconductor FSUSB31 Datasheet HTML 10Page - ON Semiconductor FSUSB31 Datasheet HTML 11Page - ON Semiconductor FSUSB31 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB31 Rev. 1.1.0
7
Test Diagrams
Figure 9. On Resistance
Figure 10. Off Leakage
Figure 11. AC Test Circuit Load
Figure 12. Switch Propagation Delay Waveforms
(tPD)
Figure 13. Turn On / Turn Off Waveform (tON / tOFF)
GND
HSD
ION
VON
VIN
IDn(OFF)
VS = 0 or VCC
FSUSB31
NC
A
GND
GND
VIN
Dn
OE
VS = 0 to VCC
FSUSB31
Each switch port is tested separately.
RON = VON / ION
OE
tRISE = 500ps
tPLH
HSD+,
HSD–
Input:
Output: D+, D–
tFALL = 500ps
VOH
RL
RS
CL*
HSD
VIN
VOE
D+, D–
FSUSB31
GND
90%
50%
50%
90%
10%
10%
50%
GND
GND
tPHL
50%
VOL
400mV
0V
VOUT
RL, RS, and CL are functions of the application environment
(see AC Electrical tables for specific values).
*CL includes test fixture and stray capacitance.
tRISE = 2.5ns
tON
tOFF
Input – OE
Output – VOUT
tFALL = 2.5ns
VOH
90%
VCC/2
VCC/2
90%
10%
10%
90%
90%
VOL
VCC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com