Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB31 Datasheet(PDF) 14 Page - ON Semiconductor

Part # FSUSB31
Description  Low-Power, Single-Port, High-Speed USB 2.0 Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB31 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button FSUSB31 Datasheet HTML 8Page - ON Semiconductor FSUSB31 Datasheet HTML 9Page - ON Semiconductor FSUSB31 Datasheet HTML 10Page - ON Semiconductor FSUSB31 Datasheet HTML 11Page - ON Semiconductor FSUSB31 Datasheet HTML 12Page - ON Semiconductor FSUSB31 Datasheet HTML 13Page - ON Semiconductor FSUSB31 Datasheet HTML 14Page - ON Semiconductor FSUSB31 Datasheet HTML 15Page - ON Semiconductor FSUSB31 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB31 Rev. 1.1.0
13
Physical Dimensions (Continued)
Figure 24. 8-Lead, Ultrathin Molded Leadless Package (UMLP), 1.2 x 1.4mm
For MicroPak™ tape and reel specifications, please visit Fairchild’s website:
http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf.
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
1.20
1.4
5
2
0.35
0.25
7X
(0.2)
0.15
0.25
SEATING
PLANE
0.40
0.10
C A B
0.05
C
2X
2X
0.025
0.00
C
0.10
A
C
0.10
A. DOES NOT CONFORMS TO JEDEC STANDARD.
C
0.05
B
C
0.05
PIN#1 IDENT
0.55 MAX
C
BOTTOM VIEW
TOP VIEW
8
1
6
4
NOTES:
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES CONFORMS TO ASME Y14.5M, 1994.
D. DRAWING FILE NAME : UMLP08Arev1
8X
DETAIL A
DETAIL: A
SCALE : 2x
0.30
0.20
0.10
45°
0.10
0.400
0.250 8X
0.350 7X
0.450
1.250
0.625
1.450
0.725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com