Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB31 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FSUSB31
Description  Low-Power, Single-Port, High-Speed USB 2.0 Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB31 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FSUSB31 Datasheet HTML 5Page - ON Semiconductor FSUSB31 Datasheet HTML 6Page - ON Semiconductor FSUSB31 Datasheet HTML 7Page - ON Semiconductor FSUSB31 Datasheet HTML 8Page - ON Semiconductor FSUSB31 Datasheet HTML 9Page - ON Semiconductor FSUSB31 Datasheet HTML 10Page - ON Semiconductor FSUSB31 Datasheet HTML 11Page - ON Semiconductor FSUSB31 Datasheet HTML 12Page - ON Semiconductor FSUSB31 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB31 Rev. 1.1.0
8
Test Diagrams (Continued)
Figure 14. Break-Before-Make (tBBM)
Figure 15. Switch Skew Tests
Figure 16. Bandwidth
tD
tR = tF = 2.5ns (10–90%)
RL
S
CL*
HSDn
HSDn
VO
Control
Input
D+, D–
GND
Control
Input
50%
VCC
0V
VOUT
VOUT
VCC
VCC
0.9 x VOUT
*CL includes test fixture and stray capacitance.
tRISE = 500ps
tPLH
tPHL
Input:
Output: D+, D–
HSDn+
HSDn–
tFALL = 500ps
VOH
90%
90%
50%
50%
10%
10%
50%
50%
VOL
400mV
TSK(P) = | tPHL – tPLH |
Pulse Skew, TSK(P)
0V
tRISE = 500ps
tPLH1
tPHL1
Output1:
Input: D+, D–
Output1: D2+, D2–
HSD1+
HSD1–
tFALL = 500ps
VOH
90%
90%
50%
50%
10%
10%
50%
50%
VOL
400mV
TSK(O) = | tPLH1 – tPLH2 | or | tPHL1 – tPHL2 |
Output Skew, TSK(OUT)
0V
tPLH2
tPHL2
VOH
50%
50%
VOL
RS
VIN
FSUSB31
GND
VOE
Network Analyzer
VOUT
GND
VS
GND
RT
GND
GND
RS and RT are functions of the application environment
(see AC Electrical Tables for specific values).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com