Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5683RARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD5683RARMZ
Description  Tiny 16-/14-/12-Bit SPI nanoDAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5683RARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5683RARMZ Datasheet HTML 6Page - Analog Devices AD5683RARMZ Datasheet HTML 7Page - Analog Devices AD5683RARMZ Datasheet HTML 8Page - Analog Devices AD5683RARMZ Datasheet HTML 9Page - Analog Devices AD5683RARMZ Datasheet HTML 10Page - Analog Devices AD5683RARMZ Datasheet HTML 11Page - Analog Devices AD5683RARMZ Datasheet HTML 12Page - Analog Devices AD5683RARMZ Datasheet HTML 13Page - Analog Devices AD5683RARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5683R/AD5682R/AD5681R/AD5683
Data Sheet
Rev. D | Page 10 of 28
VDD 1
VLOGIC 2
RESET 3
LDAC 4
GND 5
VOUT
10
VREF
9
SDI
8
SYNC
7
SCLK
6
AD5683R/
AD5681R
TOP VIEW
(Not to Scale)
Figure 9. Pin Configuration, 10-Lead MSOP, VLOGIC Option
VDD 1
RESET 2
SDO 3
LDAC 4
GND 5
VOUT
10
VREF
9
SDI
8
SYNC
7
SCLK
6
AD5683R-3
TOP VIEW
(Not to Scale)
Figure 10. Pin Configuration, 10-Lead MSOP, SDO Option
Table 8. Pin Function Descriptions, 10-Lead MSOP
VLOGIC
SDO
Mnemonic
Description
1
1
VDD
Power Supply Input. These devices can be operated from 2.7 V to 5.5 V. Decouple this pin to GND.
2
N/A
VLOGIC
Digital Power Supply. Voltage ranges from 1.62 V to 5.5 V. Decouple this pin to GND.
3
2
RESET
Hardware Reset Pin. The RESET input is low level sensitive. When RESET is low, the device is reset and
external pins are ignored. The input and DAC registers are loaded with a zero-scale value, and the write
control register is loaded with default values. If not used, tie this pin to VLOGIC.
N/A
3
SDO
Serial Data Output. Can be used for daisy chaining or readback commands.
4
4
LDAC
Load DAC. Transfers the content of the input register to the DAC register. It can be operated in
asynchronous mode (see Figure 4). This pin can be tied permanently low; in this case, the DAC register is
automatically updated when new data is written to the input register.
5
5
GND
Ground Reference.
6
6
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock
input. Data can be transferred at rates of up to 50 MHz.
7
7
SYNC
Synchronization Data Input. When SYNC goes low, it enables the SCLK and SDI buffers and the input
shift register.
8
8
SDI
Serial Data Input. Data is sampled on the falling edge of SCLK.
9
9
VREF
Reference Input/Output. When using the internal reference, this is the reference output pin. The default
for this pin is as a reference output. It is recommended that this pin be decoupled to GND with a 10 nF
capacitor.
10
10
VOUT
Analog Output Voltage from the DAC. The output amplifier has rail-to-rail operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com