Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3003 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSDL-3003
Description  IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3003 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSDL-3003 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
Figure 2.
DRIVE
IrDA LED
DRIVE
RC LED
DRIVE
IrDA LED
SHUTDOWN
SHUTDOWN
(ACTIVE HIGH)
TxD_IrDA
(ACTIVE HIGH)
TxD_RC
(GND)
RESET
tC
tTL
RC
MODE
tB
tA
tC
• • •
• • •
• • •
Different Remote Control
Configurations for HSDL-3003
The HSDL-3003 can operate in
the single-TXD programmable
mode or the two-TXD direct
transmission mode.
Single-TXD Programmable Mode
In the single-TXD programmable
mode, only one input pin
(TxD_IrDA input pin) is used to
turn on either the 875 nm LED or
the 940 nm LEDs while the
TxD_RC input pin is grounded.
The transceiver is in default mode
(IrDA) when powered up. User
needs to apply the following
programming sequence to both
the TxD_IrDA and SD inputs to
enable the transceiver to operate
in either the IrDA or remote
control mode.
Two-TXD Direct Transmission Mode
In the two-TXD direct
transmission mode, the 875 nm
LED and the 940 nm LEDs are
turned on separately by two
different input pins. The
TxD_IrDA input pin is used to
turn on the 875 nm LED while
the TxD_RC input pin is used to
turn on the 940 nm LEDs.
Please refer to the Transceiver
I/O truth table for more details.
Transceiver Control I/O Truth Table for Two-TXD Direct Transmission Mode
SD
TXD_IrDA
TXD_RC
IrDA LED
RC LEDs
Remarks
0
0
0
OFF
OFF
IR Rx enabled. Idle mode
0
0
1
OFF
ON
Remote control operation
0
1
0
ON
OFF
IrDA Tx operation
0
1
1
DIM
ON
Not recommended
1
0
0
OFF
OFF
Shutdown mode*
* The shutdown condition will set the transceiver to the default mode (IrDA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com