Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3003 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HSDL-3003
Description  IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3003 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3003 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 16Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
Recommended Reflow Profile
Figure 15. Reflow graph.
0
t-TIME (SECONDS)
230
200
160
120
80
50
150
100
200
250
300
180
220
255
P1
HEAT
UP
P2
SOLDER PASTE DRY
P3
SOLDER
REFLOW
P4
COOL
DOWN
25
R1
R2
R3
R4
R5
60 sec.
MAX.
ABOVE
220°C
MAX. 260°C
The reflow profile is a straight-
line representation of a nominal
temperature profile for a con-
vective reflow solder process.
The temperature profile is divided
into four process zones, each
with different
∆T/∆time tempera-
ture change rates. The
∆T/∆time
rates detailed in the above table.
The temperatures are measured
at the component to printed
circuit board connections.
In process zone P1, the PC
board and I/O pins are heated to
a temperature of 160
°C to
activate the flux in the solder
paste. The temperature ramp up
rate, R1, is limited to 4
°C per
second to allow for even heating
of both the PC board and
HSDL-3003 I/O pins.
Process
Symbol
∆T
Maximum
∆T/∆time
Heat Up
P1, R1
25
°C to 160°C4°C/s
Solder Paste Dry
P2, R2
160
°C to 200°C
0.5
°C/s
Solder Reflow
P3, R3
200
°C to 255°C (260°C at 10 seconds max.)
4
°C/s
P3, R4
255
°C to 200°C–6°C/s
Cool Down
P4, R5
200
°C to 25°C–6°C/s
Process zone P2 should be of
sufficient time duration (60 to
–120 seconds) to dry the solder
paste. The temperature is raised
to a level just below the liquidus
point of the solder, usually
200
°C (392°F).
Process zone P3 is the solder
reflow zone. In zone P3, the
temperature is quickly raised
above the liquidus point of solder
to 255
°C (491°F) for optimum
results. The dwell time above the
liquidus point of solder should be
between 20 and 60 seconds. It
usually takes about 20 seconds to
assure proper coalescence of the
solder balls into liquid solder and
the formation of good solder
connections. Beyond a dwell time
of 60 seconds, the intermetallic
growth within the solder
connections becomes excessive,
resulting in the formation of weak
and unreliable connections. The
temperature is then rapidly
reduced to a point below the
solidus temperature of the solder,
usually 200
°C (392°F), to allow
the solder within the connections
to freeze solid.
Process zone P4 is the cool
down after solder freeze. The cool
down rate, R5, from the liquidus
point of the solder to 25
°C (77°F)
should not exceed –6
°C per
second maximum. This limitation
is necessary to allow the PC board
and transceiver’s castellation I/O
pins to change dimensions evenly,
putting minimal stresses on the
HSDL-3003.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com