Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3003 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HSDL-3003
Description  IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3003 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3003 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
HSDL-3003 Tape and Reel Dimensions
Figure 13. Tape and reel dimensions.
16.40
+ 2.00
0
B
C
2.0 ± 0.50
8.00
± 0.10
4.0 ± 0.1
16.0 ± 0.3
1.75 ± 0.10
1.55 ± 0.05
0.40 ± 0.10
3.00 ± 0.10
POLARITY
PARTS
MOUNTED
LEADER
(40 mm MIN.)
EMPTY
(40 mm MIN.)
2.0 ± 0.1
PROGRESSIVE DIRECTION
"B" "C"
QUANTITY
PIN 8: GND
PIN 1: VLED
7.5 ± 0.1
R 1.0
2.0 ± 0.50
DIA. 13.0 ± 0.50
21.0
± 0.80
LABEL
DETAIL A
DETAIL A
330
80
2500
8.30 ± 0.10
5.00° (MAX.)
3.25 ± 0.10
5°(MAX.)
MATERIAL OF CARRIER TAPE: CONDUCTIVE POLYSTYRENE
MATERIAL OF COVER TAPE: PVC
METHOD OF COVER: HEAT ACTIVATED ADHESIVE
UNIT: mm
EMPTY
(40 mm MIN.)
1.50 ± 0.10
AA
SECTION A-A
B
B
SECTION B-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com