Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3003 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # HSDL-3003
Description  IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3003 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3003 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 18Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
Figure 18. Solder stencil aperture.
1.2 Recommended Metal Solder
Stencil Aperture
It is recommended that only a
0.152 mm (0.006 inch) or a
0.127 mm (0.005 inch) thick
stencil be used for solder paste
printing. This is to ensure
adequate printed solder paste
volume and no shorting. See the
table below the drawing for
combinations of metal stencil
aperture and metal stencil
thickness that should be used.
Aperture opening for shield pad
is 3.05 mm x 1.1 mm as per land
pattern.
Aperture size(mm)
Stencil thickness, t (mm)
length, l
width, w
0.152 mm
2.60
± 0.05
0.55
± 0.05
0.127 mm
3.00
± 0.05
0.55
± 0.05
1.3 Adjacent Land Keepout and
Solder Mask Areas
Adjacent land keepout is the
maximum space occupied by
the unit relative to the land
pattern. There should be no other
SMD components within this
area.
The minimum solder resist strip
width required to avoid solder
bridging adjacent pads is 0.2
mm.
It is recommended that two
fiducial crosses be placed at mid-
length of the pads for unit
alignment.
Note: Wet/Liquid Photo-
Imageable solder resist/mask is
recommended.
Figure 19. Adjacent land keepout and solder mask areas.
APERTURES AS PER
LAND DIMENSIONS
l
w
t
0.2
3.0
10.1
3.85
SOLDER MASK
UNITS: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com