Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3003 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HSDL-3003
Description  IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3003 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3003 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
Moisture Proof Packaging
All HSDL-3003 options are
shipped in moisture proof
package. Once opened, moisture
absorption begins.
This part is compliant to JEDEC
Level 4.
Package
Temp.
Time
In reels
60
°C
≥ 48 hours
In bulk
100
°C
≥ 4 hours
125
°C
≥ 2 hours
150
°C
≥ 1 hour
Baking should only be done once.
Baking Conditions
If the parts are not stored in dry
conditions, they must be baked
before reflow to prevent damage
to the parts.
Recommended Storage Conditions
Storage Temperature 10
°C to 30°C
Relative Humidity
below 60% RH
Time from Unsealing to Soldering
After removal from the bag, the
parts should be soldered within
two days if stored at the recom-
mended storage conditions. If
times longer than 72 hours are
needed, the parts must be stored
in a dry box.
Figure 14. Baking conditions chart.
UNITS IN A SEALED
MOISTURE-PROOF
PACKAGE
PACKAGE IS
OPENED (UNSEALED)
ENVIRONMENT
LESS THAN 25°C,
AND LESS THAN
60% RH?
PACKAGE IS
OPENED MORE
THAN 72 HOURS?
PERFORM RECOMMENDED
BAKING CONDITIONS
NO BAKING
IS NECESSARY
YES
NO
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com