Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3003 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HSDL-3003
Description  IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3003 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3003 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
Electrical and Optical Specifications
Specifications (Min. and Max. values) hold over the recommended operating conditions unless otherwise noted.
Unspecified test conditions may be anywhere in their operating range. All typical values (Typ.) are at 25
°C with VCC at
3.0 V unless otherwise noted.
Parameter
Symbol Min.
Typ.
Max.
Units
Conditions
Infrared (IrDA) Receiver
Viewing Angle
2
θ1/2
30
°
Peak Sensitivity Wavelength
λP
875
nm
RxD_IrDA
Logic High
VOH
VCC - 0.2
VCC
VIOH = -200
µA, EI ≤ 0.3 µW/cm2
Output Voltage
Logic Low
VOL
0
0.4
V
RxD_IrDA Pulse Width (SIR)[4] tRPW
1
2.3
7.5
µs
θ1/2 ≤ 15°, CL= 9 pF
RxD_IrDA Rise & Fall Times
tr, tf
30
100
ns
CL= 9 pF
Receiver Latency Time[5]
tL
26
50
µs
EI = 9.0
µW/cm2
Receiver Wake Up Time[6]
tRW
75
200
µs
EI = 10 mW/cm2
Infrared (IrDA) Transmitter
IR Radiant Intensity
IEH
4
13
mW/sr
IVLEDA = 100 mA, θ1/2 ≤ 15°,
TxD_IrDA
≥ VIH, TA = 25°C
IR Viewing Angle
2
θ1/2
30
60
°
IR Peak Wavelength
λP
875
nm
TxD_IrDA
High
VIH
2/3 VCC
VCC
V
Logic Levels
Low
VIL
0
1/3 VCC
V
TxD_IrDA
High
IH
0.02
1
µAVI ≥ VIH
Input Current
Low
IL
-0.02
1
µA0 ≤ VI ≤ VIL
LED Current
Shutdown
IVLED
0.02
10
µAVI (SD) ≥ VIH
Wake Up Time[7]
tTW
180
500
ns
Data setup time
tA
25
ns
Data pulsewidth
tB
25
ns
Programming time
tC
75
ns
Maximum Optical
tPW(Max)
120
µs
Pulse Width[8]
TxD Rise & Fall Times
tr, tf
600
ns
(Optical)
LED Anode On-State Voltage
VON (LEDA)
2.4
V
IVLEDA = 100 mA, VI (TxD) ≥ VIH
Remote Control (RC) Transmitter
RC Radiant Intensity
IEH
15[9]
36
mW/sr
IVLEDA = 400 mA, θ1/2 ≤ 15°,
TxD_RC
≥ VIH, TA = 25°C
RC Viewing Angle
2
θ1/2
30
60
°
RC Peak Wavelength
λP
940
nm
TxD_RC Logic
High
VIH
2/3 VCC
VCC
V
Levels
Low
VIL
0
1/3 VCC
V
TxD_RC Input
High
IH
0.02
1
µAVI ≥ VIH
Current
Low
IL
-0.02
1
µA0 ≤ VI ≤ VIL
Maximum Optical Pulse
tPW(Max)
120
µs
Width [8]
LEDA Voltage
VON (LEDA)
1.65
2.3
V
ILEDA = 400 mA, VI(TxD) ≥ VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com