Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3003 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSDL-3003
Description  IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3003 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSDL-3003 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Agilent HSDL-3003
IrDA® Data Compliant Low Power
115.2 kbit/s with Remote Control
Infrared Transceiver
Data Sheet
Description
The HSDL-3003 is a small form
factor enhanced infrared (IR)
transceiver module that provides
the capability of (1) interface
between logic and IR signals for
through-air, serial, half-duplex IR
data link, and (2) IR remote
control transmission operating at
the optimum 940 nm wavelength
for universal remote control
applications.
For IR data communication, the
HSDL-3003 provides the
flexibility of low power SIR
applications and remote control
applications with no external
components needed for the
selection of the type of
application. The transceiver is
compliant to IrDA® Physical
General Features
• Guaranteed temperature
performance, –20
° to 70°C
– Critical parameters are
guaranteed over temperature
and supply voltage
• Low power consumption
• Small module size
– Height: 2.70 mm
– Width: 8.00 mm
– Depth: 2.95 mm
• Minimum external components
– Integrated single-biased LED
resistor
– Direct interoperability to MPU
– Programmable Txd features
– Integrated remote control FET
• Withstands >100 mVp-p power
supply ripple typically
•VCC supply 2.4 to 3.6 volts
• Integrated EMI shield
• Designed to accommodate light
loss with cosmetic windows
• IEC 825-Class 1 eye safe
Remote Control Features
• Wide angle and high radiant
intensity
• Spectrally suited to remote
control transmission function at
940 nm typically
• Typical link distance up to 8
meters
CAUTION: The BiCMOS inherent to this design of this component increases the component’s
susceptibility to damage from Electrostatic Discharge (ESD). It is advised that normal static
precautions be taken in handling and assembly of this component to prevent damage and/or
degradation, which may be induced by ESD.
IrDA® Data Features
• Fully compliant to IrDA® Physical
Layer Specification 1.4 low power
from 9.6 kbit/s to 115.2 kbit/s (SIR)
– Excellent nose-to-nose operation
– Link distance up to 50 cm
typically
• Complete shutdown for TxD_IrDA,
RxD_IrDA, and PIN diode
• Low power consumption
– Low idle current, 50
µA
typically
– Low shutdown current, 10 nA
typically
• LED stuck-high protection
Applications
• Mobile data communication and
universal remote control
transmission
– Personal digital assistants
(PDAs)
– Mobile phones


Similar Part No. - HSDL-3003

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3003-001 AVAGO-HSDL-3003-001 Datasheet
443Kb / 21P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3003-021 AVAGO-HSDL-3003-021 Datasheet
443Kb / 21P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
More results

Similar Description - HSDL-3003

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3023 AVAGO-ASDL-3023 Datasheet
909Kb / 25P
IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
HSDL-3002 AVAGO-HSDL-3002 Datasheet
436Kb / 20P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Transmission Infrared Transceiver
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
ASDL-3023 LITEON-ASDL-3023 Datasheet
640Kb / 26P
IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com