Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF52012 Datasheet(PDF) 6 Page - Intel Corporation

Part # CF52012
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CF52012 Datasheet(HTML) 6 Page - Intel Corporation

Back Button CF52012 Datasheet HTML 2Page - Intel Corporation CF52012 Datasheet HTML 3Page - Intel Corporation CF52012 Datasheet HTML 4Page - Intel Corporation CF52012 Datasheet HTML 5Page - Intel Corporation CF52012 Datasheet HTML 6Page - Intel Corporation CF52012 Datasheet HTML 7Page - Intel Corporation CF52012 Datasheet HTML 8Page - Intel Corporation CF52012 Datasheet HTML 9Page - Intel Corporation CF52012 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Symbol
Parameter
Condition
Min
Max
Unit
IMAX
DC VCC or GND current
20
mA
IOUT
DC output current per pin
–25
25
mA
PD
Power dissipation
72
mW
TSTG
Storage temperature
No bias
–65
150
°C
TJ
Junction temperature
Under bias
125
°C
1.3.2. Recommended Operating Conditions
Table 3.
Recommended Operating Conditions
Symbol
Parameter
Condition
Min
Max
Unit
VCC
Supply voltage
(4)
2.7
3.6
V
VI
Input voltage
With respect to GND
-0.5
0.4 + VCC
V
VO
Output voltage
0
VCC
V
TA (5)
Operating temperature
For industrial use
-40
85
°C
tR
Input rise time for all devices
except EPCQ512/A
5
ns
Input rise time for EPCQ512/A
1.5
ns
tF
Input fall time for all devices
except EPCQ512/A
5
ns
Input fall time for EPCQ512/A
1.5
ns
Related Information
EPCQ Package and Thermal Resistance
Provides more information about EPCQ thermal resistance.
1.3.3. DC Operating Conditions
Table 4.
DC Operating Conditions
Symbol
Parameter
Condition
Min
Max
Unit
VIH
High-level input voltage
0.7 x VCC
VCC + 0.4
V
VIL
Low-level input voltage
-0.5
0.3 x VCC
V
VOH
High-level output voltage
IOH = -100 µA (6)
VCC - 0.2
V
continued...
(3) For periods of less than 2 ns, VIL can undershoot to –1.0 V and VIH can overshoot to VCC + 1.0
V.
(4) The maximum VCC rise time is 100 ms.
(5) EPCQ devices can be paired with Intel FPGA industrial-grade FPGAs operating at junction
temperatures up to 100°C as long as the ambient temperature does not exceed 85°C.
(6) The IOH parameter refers to the high-level TTL or CMOS output current.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com