Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF52012 Datasheet(PDF) 41 Page - Intel Corporation

Part # CF52012
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CF52012 Datasheet(HTML) 41 Page - Intel Corporation

Back Button CF52012 Datasheet HTML 37Page - Intel Corporation CF52012 Datasheet HTML 38Page - Intel Corporation CF52012 Datasheet HTML 39Page - Intel Corporation CF52012 Datasheet HTML 40Page - Intel Corporation CF52012 Datasheet HTML 41Page - Intel Corporation CF52012 Datasheet HTML 42Page - Intel Corporation CF52012 Datasheet HTML 43Page - Intel Corporation CF52012 Datasheet HTML 44Page - Intel Corporation CF52012 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Symbol
Parameter
Min
Typical
Max
Unit
DCLK
high time for EPCQ512/A
3.375
ns
tCL(19)
DCLK
low time for all devices except
EPCQ512/A
4
ns
DCLK
low time for EPCQ512/A
3.375
ns
tNCSSU
Chip select (nCS) setup time for all devices
except EPCQ512/A
4
ns
DCLK
low time for EPCQ512/A
3.375
ns
tNCSH
Chip select (nCS) hold time for all devices
except EPCQ512/A
4
ns
Chip select (nCS) hold time for EPCQ512/A
3.375
ns
tDSU
DATA[]
in setup time before the rising edge on
DCLK
for all devices except EPCQ512/A
2
ns
DATA[]
in setup time before the rising edge on
DCLK
for EPCQ512/A
1.75
ns
tDH
DATA[]
hold time after the rising edge on
DCLK
for all devices except EPCQ512/A
3
ns
DATA[]
hold time after the rising edge on
DCLK
for EPCQ512/A
2.5
ns
tCSH
Chip select (nCS) high time
50
ns
tWB(20)
Write bytes cycle time
0.6
5
ms
tWS(20)
Write status cycle time
1.3
8
ms
tEB(20)
Erase bulk cycle time for EPCQ16
30
60
s
Erase bulk cycle time for EPCQ32
30
60
Erase bulk cycle time for EPCQ64
60
250
Erase bulk cycle time for EPCQ128
170
250
Erase bulk cycle time for EPCQ256
240
480
Erase bulk cycle time for EPCQ512/A
153
460
tES(20)
Erase sector cycle time for all devices except
EPCQ512/A
0.7
3
s
Erase sector cycle time for EPCQ512/A
0.15
1
tESS (20)
Erase subsector cycle time for all devices
except EPCQ512/A
0.3
1.5
s
Erase subsector cycle time for EPCQ512/A
0.05
0.4
(19) The value must be larger /than or equal to 1/f WCLK.
(20) The Write Operation Timing Diagram does not show these parameters.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com