Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX340 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 9Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 10Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 11Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
9
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
General Description
Aptina Confidential and Proprietary
Preliminary
General Description
The Aptina® ASX340/MT9V139 is a VGA-format, single-chip active-pixel digital image
sensor for surveillance applications. It captures high-quality color images at VGA resolu-
tion and outputs NTSC or PAL interlaced composite video.
The VGA image sensor features Aptina’s breakthrough low-noise imaging technology
that achieves superior image quality (based on signal-to-noise ratio and low-light sensi-
tivity) while maintaining the inherent size, cost, low power, and integration advantages
of Aptina's advanced active pixel process technology.
The ASX340/MT9V139 is a complete camera-on-a-chip. It incorporates sophisticated
camera functions on-chip and is programmable through a simple two-wire serial inter-
face or by an attached SPI EEPROM or Flash memory that contains setup information
that may be loaded automatically at startup.
The ASX340/MT9V139 performs sophisticated processing functions including color
recovery, color correction, sharpening, programmable gamma correction, auto black
reference clamping, auto exposure, 50Hz/60Hz flicker detection and avoidance, lens
shading correction, auto white balance (AWB), and on-the-fly defect identification and
correction.
The ASX340/MT9V139 outputs interlaced-scan images at 60 or 50 Fields per Second,
supporting both NTSC and PAL video formats. The image data can be output on one or
two output ports:
• Composite analog video (single-ended and differential output support)
• Parallel 8-, 10-bit digital
Architecture
Internal Block Diagram
Figure 1:
Internal Block Diagram
Image Flow Processor
Color & Gamma Correction
Color Space Conversion
Edge Enhancement
Camera Control
AWB
AE
¼” VGA ROI
@ 60 frames per sec.
640 x 480 Active Array
SPI & 2W I/F
Interface
SPI
4
2
10
2. 8V
1.8V
Two-Wire I/F
Overlay
Graphics
Generation
VideoEncoder
DAC
8
NTSC /
PAL
BT -656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com