Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX340 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 58Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 59Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 60Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 61Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 62Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 63Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 64Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 65Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
62
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Modes and Timing
Aptina Confidential and Proprietary
Preliminary
Figure 45:
Power Up Sequence
Notes:
1. RESET_BAR may not exceed VDD_IO + 0.3V.
2. The 2.8V plane (VAA, VAA_PIX, VDD_PLL, VDD_DAC, VDD_IO) must remain at a higher voltage than the
1.8V core voltage at all times.
Notes:
1. Xtal settling time is component-dependent (Xtal, Oscillator, and so on) and usually takes about 10mS
~100mS.
2. Hard reset time is the minimum time required after power rails are settled. Ten clock cycles are required
for the sensor itself, assuming all power rails are settled. In a circuit where Hard reset is performed by
the RC circuit, then the RC time must include the all power rail settle time and Xtal
3. This is required to load necessary patches using Flash mode (SPI) or Host mode (two-wire serial inter-
face). Loading time varies depending on the number of patches and bus speed.
Table 35:
Power Up Sequence
Definition
Symbol
Minimum
Typical
Maximum
Unit
VDD_PLL to VAA/VAA_PIX
t0
0
–
–
μS
VAA/VAA_PIX to VDD_IO
t1
0
–
–
μS
VDD_IO to VDD
t2
0
–
–
μS
Xtal settle time
tx
–
301
–mS
Hard Reset
t3
102
–
–
Clock cycle
Internal Initialization
t4
50
–
–
mS
Patch Load (SPI or I2C)
t5
–
4003
–mS
VDD (1.8)
VAA_PIX
VAA (2.8)
VDD_PLL
VDD_DAC (2.8)
EXTCLK
RESET_BAR
VDD_IO (2.8)
t3
t4
t5
t0
t1
Hard Reset
Internal
(NTSC/PAL)
Initialization
Patch Config
SPI or Host
Streaming
t2
tx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com