Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX340 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 23Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 24Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 25Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 26Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 27Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 28Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 29Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 30Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
27
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Usage Modes
Aptina Confidential and Proprietary
Preliminary
Usage Modes
How a camera based on the ASX340/MT9V139 will be configured depends on what
features are used. In the simplest case, an ASX340/MT9V139 operating in Auto-Config
Mode with no customized settings might be sufficient. Flash sizes vary depending on
the data for registers, firmware, and overlay data—somewhere between 1KB to 16MB.
The two-wire bus is adequate since only high-level commands are used to invoke over-
lays, load registers from memory, or set up lens correction parameters. Overlay data can
alternatively be issued by the external µC if the rate of refreshing data is deemed
adequate. If there are no commands in the EEPROM or Flash image the device can be in
auto configuration mode by which the sensor is set up according to the status of pins
FRAME_VALID, LINE_VALID, DOUT_LSB1, and DOUT_LSB0.
In the simplest case no EEPROM or Flash memory or µC is required, as shown in
Figure 12. This is truly a single chip operation.
Figure 12:
Auto-Config Mode
The ASX340/MT9V139 can be configured by a serial EEPROM or Flash through the SPI
Interface.
Figure 13:
Flash Mode
Functions such as overlay or 2x zoom can also be assigned to general purpose inputs.
That capability can be employed on all configurations with external EEPROM or Flash
memory by mapping overlay images to an input. Alternatively, the µC may poll these
inputs to create an action such as a new overlay as shown in Figure 14.
Analog Out
Digital Out
Auto-Config Mode
ASX340/MT9V139
Serial
EEPROM/Flash
SPI
ASX340/MT9V139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com