Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX340 Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 70Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 71Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 72Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 73Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 74Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 75Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 76Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 77Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 78Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 74 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
74
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Electrical Specifications
Aptina Confidential and Proprietary
Preliminary
Two-Wire Serial Bus Timing
Figure 55 and Table 51 describe the timing for the two-wire serial interface.
Figure 55:
Two-Wire Serial Bus Timing Parameters
Table 51:
Two-Wire Serial Bus Characteristics
fEXTCLK = 27 MHz; VDD = 1.8V; VDD_IO = 2.8V; VAA = 2.8V; VAA_PIX = 2.8V;
VDD_PLL = 2.8V; VDD_DAC = 2.8V; TA = 25°C
Parameter
Symbol
Standard-Mode
Fast-Mode
Unit
Min
Max
Min
Max
SCLK Clock Frequency
fSCL
0
100
0
400
KHz
Hold time (repeated) START condition.
After this period, the first clock pulse is
generated
tHD;STA
4.0
-
0.6
-
μS
LOW period of the SCLK clock
tLOW
4.7
-
1.3
-
μS
HIGH period of the SCLK clock
tHIGH
4.0
-
0.6
-
μS
Set-up time for a repeated START
condition
tSU;STA
4.7
-
0.6
-
μS
Data hold time:
tHD;DAT
04
3.455
06
0.95
μS
Data set-up time
tSU;DAT
250
-
1006
-nS
Rise time of both SDATA and SCLK signals
tr
-
1000
20 + 0.1Cb7
300
nS
Fall time of both SDATA and SCLK signals
tf
-
300
20 + 0.1Cb7
300
nS
Set-up time for STOP condition
tSU;STO
4.0
-
0.6
-
μS
SCLK
SDATA
SCLK
SDATA
Write Start
Ack
Stop
Read Start
Ack
t
SHAR
t
AHSR
t
SDHR
t
SDSR
Read Sequence
Write Sequence
Read
Address
Bit 7
Read
Address
Bit 0
Register
Value
Bit 7
Register
Value
Bit 0
Write
Address
Bit 7
Write
Address
Bit 0
Register
Value
Bit 7
Register
Value
Bit 0
t
SRTH
t
SCLK
t
STPS
t
SDH
t
SDS
t
SHAW
t
AHSW
t
STPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com