Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX340 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 16Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 17Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 18Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 19Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 20Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 21Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 22Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 23Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
20
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Sensor Pixel Array
Aptina Confidential and Proprietary
Preliminary
Image Flow Processor
Image and color processing in the ASX340/MT9V139 are implemented as an image flow
processor (IFP) coded in hardware logic. During normal operation, the embedded
microcontroller will automatically adjust the operation parameters. The IFP is broken
down into different sections, as outlined in Figure 9.
Figure 9:
Color Pipeline
Test Pattern
Generator
Black
Level
Subtraction
Color Correction
Aperture
Correction
Gamma
Correction
(12-to-8 Lookup)
Statistics
Engine
Color Kill
Output
Formatting
YUV to RGB
Raw Data
10/12-Bit
RGB
RAW 10
8-bit
RGB
8-bit
YUV
Parallel
Output
Output
Interface
RGB to YUV
Digital Gain Control
Lens Shading
Correction
Defect Correction,
Noise Reduction,
Color Interpolation
MUX
IFP
Parallel Output Mux
Pixel Array
ADC
Analog Output Mux
NTSC/PAL
Overlay Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com