Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX340 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 9Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 10Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 11Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 13Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 14Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
11
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Architecture
Aptina Confidential and Proprietary
Preliminary
Crystal Usage
As an alternative to using an external oscillator, a fundamental 27 MHz crystal may be
connected between EXTCLK and XTAL. Two small loading capacitors of 10–22 pF of NPO
dielectric should be added as shown in Figure 3.
Aptina does not recommend using the crystal option for applications above 85°C. A
crystal oscillator with temperature compensation is recommended.
Figure 3:
Using a Crystal Instead of an External Oscillator
Note:
Value of load cap is Xtal dependent. Xtal with small load cap is recommended.
EXTCLK
XTAL
18 pF - NPO
27.000 MHz
Sensor
18pF - NPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com