Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C34 Datasheet(PDF) 69 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 69 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 62Page - Zilog, Inc. Z86C34 Datasheet HTML 63Page - Zilog, Inc. Z86C34 Datasheet HTML 64Page - Zilog, Inc. Z86C34 Datasheet HTML 65Page - Zilog, Inc. Z86C34 Datasheet HTML 66Page - Zilog, Inc. Z86C34 Datasheet HTML 67Page - Zilog, Inc. Z86C34 Datasheet HTML 68Page - Zilog, Inc. Z86C34 Datasheet HTML 69Page - Zilog, Inc. Z86C34 Datasheet HTML 70Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 69 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
69
CODES
For fast results, contact your local ZiLOG sales office for
assistance in ordering the part required.
Example:
The Z86C36 is a 16-MHz PLCC, 0ºC to 70ºC, with Plastic
Standard Flow.
Pre-Characterization Product
The product represented by this document is newly introduced
and ZiLOG has not completed the full characterization of the
product. The document states what ZiLOG knows about this
product at this time, but additional features or nonconformance
with some aspects of the document may be found, either by
ZiLOG or its customers in the course of further application and
characterization work. In addition, ZiLOG cautions that delivery
may be uncertain at times, due to start-up yield issues.
©1999 by ZiLOG, Inc. All rights reserved. Information in this
publication concerning the devices, applications, or technology
described is intended to suggest possible uses and may be
superseded. ZiLOG, INC. DOES NOT ASSUME LIABILITY
FOR OR PROVIDE A REPRESENTATION OF ACCURACY
OF THE INFORMATION, DEVICES, OR TECHNOLOGY
DESCRIBED IN THIS DOCUMENT. ZiLOG ALSO DOES
NOT
ASSUME
LIABILITY
FOR
INTELLECTUAL
PROPERTY
INFRINGEMENT
RELATED
IN
ANY
MANNER TO USE OF INFORMATION, DEVICES, OR
TECHNOLOGY DESCRIBED HEREIN OR OTHERWISE.
Except with the express written approval of ZiLOG, use of
information, devices, or technology as critical components of
life support systems is not authorized. No licenses are conveyed,
implicitly or otherwise, by this document under any intellectual
property rights.
ZiLOG, Inc.
910 East Hamilton Avenue, Suite 110
Campbell, CA 95008
Telephone (408) 558-8500
FAX (408) 558-8300
Internet: http://www.zilog.com
Preferred Package
P = Plastic DIP
V = Plastic Chip Carrier
Longer Lead Time
F = Plastic Quad Flat Pack
S = Small Outline
Integrated Chip
Preferred Temperature
S = 0°C to +70°C
Longer Lead Time
E = –40°C to +105°C
Speed
16 = 16 MHz
Environmental
C = Plastic Standard
Z
ZiLOG Prefix
86C36
Product Number
16
Speed
P
Package
S
Temperature
C
Environmental Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com