Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C34 Datasheet(PDF) 61 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 61 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 57Page - Zilog, Inc. Z86C34 Datasheet HTML 58Page - Zilog, Inc. Z86C34 Datasheet HTML 59Page - Zilog, Inc. Z86C34 Datasheet HTML 60Page - Zilog, Inc. Z86C34 Datasheet HTML 61Page - Zilog, Inc. Z86C34 Datasheet HTML 62Page - Zilog, Inc. Z86C34 Datasheet HTML 63Page - Zilog, Inc. Z86C34 Datasheet HTML 64Page - Zilog, Inc. Z86C34 Datasheet HTML 65Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
61
Z8 CONTROL REGISTERS
Figure 40. Port Configuration Register (PCON)
(WRITE ONLY)
Figure 41. Timer Mode Register
(F1H: READ/WRITE)
0 Port 0 Open Drain
1 Port 0 Push-pull Active*
D7
D6
D5
D4
D3
D2
D1
D0
PCON (FH) 00H
Comparator Output Port 3
0 P34, P37 Standard Output*
1 P34, P37 Comparator Output
0 Port 0 Low EMI
1 Port 0 Standard*
0 Port 2 Low EMI
1 Port 2 Standard*
Low EMI Oscillator
0 Low EMI
1 Standard*
0 Port 3 Low EMI
1 Port 3 Standard*
*Default Setting After Reset
Must be set to one for devices
in 28-pin packages
0 Port 1 Open Drain
1 Port 1 Push-pull Active*†
0 Port 1 Low EMI
1 Port 1 Standard*
†
†
D7
D6
D5
D4
D3
D2
D1
D0
0 Disable T0 Count
1 Enable T0 Count
0 No Function
1 Load T0
0 No Function
1 Load T1
0 Disable T1 Count
1 Enable T1 Count
TIN Modes
00 External Clock Input
01 Gate Input
10 Trigger Input
(Non-retriggerable)
11 Trigger Input
(Retriggerable)
TOUT Modes
00 Not Used
01 T0 Out
10 T1 Out
11 Internal Clock Out
R241 TMR
Figure 42. Counter/Timer 1 Register
(F2H: READ/WRITE)
Figure 43. Prescaler 1 Register
(F3H: WRITE ONLY)
Figure 44. Counter/Timer 0 Register
(F4H: READ/WRITE)
D7
D6
D5
D4
D3
D2
D1
D0
T Initial Value
(When Written)
(Range: 1-256 Decimal
01-00 HEX)
T Current Value
(When Read)
1
1
R242 T1
D7
D6
D5
D4
D3
D2
D1
D0
Count Mode
0 T1 Single Pass
1 T1 Modulo N
Clock Source
1 T1Internal
0 T1External Timing Input
(TIN) Mode
Prescaler Modulo
(Range: 1-64 Decimal
01-00 HEX)
R243 PRE1
D7
D6
D5
D4
D3
D2
D1
D0
T0 Initial Value
(When Written)
(Range: 1-256 Decimal
01-00 HEX)
T0 Current Value
(When Read)
R244 T0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com