Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C34 Datasheet(PDF) 40 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 40 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 36Page - Zilog, Inc. Z86C34 Datasheet HTML 37Page - Zilog, Inc. Z86C34 Datasheet HTML 38Page - Zilog, Inc. Z86C34 Datasheet HTML 39Page - Zilog, Inc. Z86C34 Datasheet HTML 40Page - Zilog, Inc. Z86C34 Datasheet HTML 41Page - Zilog, Inc. Z86C34 Datasheet HTML 42Page - Zilog, Inc. Z86C34 Datasheet HTML 43Page - Zilog, Inc. Z86C34 Datasheet HTML 44Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
40
P R E L I M I N A R Y
DS007601-Z8X0499
FUNCTIONAL DESCRIPTION (Continued)
Stop-Mode Recovery Delay Select (D5).
This bit, if
High, enables the TPOR RESET delay after Stop-Mode Re-
covery. The default configuration of this bit is 1. If the fast
wake up is selected, the Stop-Mode Recovery source must
be kept active for at least 5 TpC.
Stop-Mode Recovery Edge Select (D6).
A 1 in this bit
position indicates that a high level on any one of the recov-
ery sources wakes the Z8 from STOP mode. A 0 indicates
low-level recovery. The default is 0 on POR (Figure 28).
This bit is used for either SMR or SMR2.
Cold or Warm Start (D7).
This bit is set by the device
upon entering STOP mode. A 0 in this bit (cold) indicates
that the device resets by POR/WDT RESET. A 1 in this bit
(warm) indicates that the device awakens by a Stop-Mode
Recovery source.
Note: If the Port 2 pin is configured as an output, this output
level is read by the SMR2 circuitry.
Figure 28. Stop-Mode Recovery Source
P30
P31
P32
P33
P27
Stop-Mode Recovery Edge
Select (SMR)
P33 From Pads
Digital/Analog Mode
Select (P3M)
To P33 Data
Latch and IRQ1
To POR
RESET
SMR
SMR
SMR
D4 D3 D2
0
0
1
0
1
0
0
1
1
D4 D3 D2
1
0
0
D4 D3 D2
1
0
1
MUX
SMR
SMR
D4 D3 D2
1
1
0
D4 D3 D2
1
1
1
P20
P23
P20
P27
SMR2
SMR2
D1 D0
1
1
D1 D0
1
1
P20
P23
P20
P27
SMR D4 D3 D2
0
0
0
V
SMR2 D1 D0
0
0
DD
VDD
Table 13. Stop-Mode Recovery Source
SMR:432
D4
D3
D2
Operation
Description of Action
0
0
0
POR and/or external reset recovery
0
0
1
P30 transition
0
1
0
P31 transition (not in Analog Mode)
0
1
1
P32 transition (not in Analog Mode)
1
0
0
P33 transition (not in Analog Mode)
1
0
1
P27 transition
1
1
0
Logical NOR of P20 through P23
1
1
1
Logical NOR of P20 through P27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com