Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C34 Datasheet(PDF) 54 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 54 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 50Page - Zilog, Inc. Z86C34 Datasheet HTML 51Page - Zilog, Inc. Z86C34 Datasheet HTML 52Page - Zilog, Inc. Z86C34 Datasheet HTML 53Page - Zilog, Inc. Z86C34 Datasheet HTML 54Page - Zilog, Inc. Z86C34 Datasheet HTML 55Page - Zilog, Inc. Z86C34 Datasheet HTML 56Page - Zilog, Inc. Z86C34 Datasheet HTML 57Page - Zilog, Inc. Z86C34 Datasheet HTML 58Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
54
P R E L I M I N A R Y
DS007601-Z8X0499
ASCI STATUS REGISTER (STAT)
(%(A)08H: READ/WRITE)
BIT 7 is the Receive Data Register Full
RDRF
is set to 1 when the receiver transfers a character from
the RSR into an empty Rx FIFO.
Note: If a framing or parity error occurs, RDRF is still set and
the receive data (which generated the error) is still load-
ed into the FIFO.
When there is more than one character in the FIFO, and soft-
ware reads a character, RDRF either remains set or is cleared
and immediately set again. RDRF is cleared to 0 when the
FIFO becomes empty after reading the RDR and during
Power-On Reset.
Bit 6 is the Overrun Error
An overrun occurs if the receive FIFO is still full when the
receiver completes assembly of a character and is ready to
transfer it to the FIFO. If this situation occurs, the overrun
error bit associated with the previous byte in the FIFO is
set. In this case, the latest data byte is not transferred from
the shift register to the FIFO and is lost.
When an overrun occurs, the receiver does not place any
further data in the FIFO until the most recent good byte
received (the byte with the associated overrun error bit set)
moves to the top of the FIFO and sets the Overrun latch,
and software then clears the Overrun latch. Assembly of
bytes continues in the shift register, but this data is ignored
until the byte with the overrun error reaches the top of the
FIFO and the status is cleared. When set, the bit remains
set until it is cleared by writing a 0 to the EFR bit in the
CNTLA
register. The bit is also cleared during Power-On
Reset.
Bit 5 is the Parity Error
A parity error is detected when parity generation and check-
ing is enabled by the MOD1 bit in the CNTLA register and
a character has been assembled in which the parity does not
match that specified by the PEO bit in CNTLB.
Note: PE is FIFOed and the error bit is not actually set until the
associated data becomes available for reading in the
RDR
.
When set, the bit remains set until it is cleared by writing
a 0 to the EFT bit in the CNTLA register. The bit is cleared
at Power-On Reset.
Bit 4 is the Framing Error
A framing error is detected when the STOP bit of a character
is sampled as a 0 (space). Like PE, FE is FIFOed and the
error bit is not actually set until the associated data becomes
available for reading in the RDR. When set, the bit remains
set until it is cleared by writing a 0 to the EFR bit in the
CNTLA
register. The bit is cleared at Power-On Reset.
Bit 3 is the Receiver Interrupt Enable
RIE
should be set to a 1 to enable ASCI receive interrupt
requests. An interrupt (IRQ3) is generated when RDRF (bit
7
of the STAT register) is a 1. A receive interrupt is also
generated if this bit is set to a 1, bit 2 of the ASEXT register
(RX interrupt on the START bit) is set to a 1, and a START
bit is detected by the receiver.
Table 26. ASCI Status Register (STAT)
Bit
76543210
R
Receive
Data
Register
Full
(RDRF)
Overrun
Error
(OE)
Parity Error
(PE)
Framing
Error
(FE)
Receiver
Interrupt
Enable
(RIE)
Reserved
Transmit
Data
Register
Empty
TDRE)
Transmitter
Interrupt
Enable
(TIE)
W
Reset
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com