Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C34 Datasheet(PDF) 47 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 47 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 43Page - Zilog, Inc. Z86C34 Datasheet HTML 44Page - Zilog, Inc. Z86C34 Datasheet HTML 45Page - Zilog, Inc. Z86C34 Datasheet HTML 46Page - Zilog, Inc. Z86C34 Datasheet HTML 47Page - Zilog, Inc. Z86C34 Datasheet HTML 48Page - Zilog, Inc. Z86C34 Datasheet HTML 49Page - Zilog, Inc. Z86C34 Datasheet HTML 50Page - Zilog, Inc. Z86C34 Datasheet HTML 51Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
47
EXPANDED REGISTER GROUP (A)
Figure 33. Expanded Register Group (A) Registers
%(A)0D
RESERVED
%(A)0C
RESERVED
%(A)0E
RESERVED
%(A)0F
RESERVED
%(A)00
RESERVED
%(A)01
TDR
%(A)02
RDR
%(A)03
CNTLA
%(A)04
CNTLB
%(A)05
ASEXT
%(A)06
ASTCL
%(A)07
ASTCH
%(A)08
STAT
%(A)09
GEN PURPOSE
u
u
u
u
u
u
u
u
0
0
0
0
0
0
1
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
0
0
0
1
0
0
0
0
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
*
*
*
*
*
*
*
*
* Not reset with a STOP-Mode Recovery.
%(A)0B
RESERVED
%(A)0A
RESERVED
B7
B6
B5
B4
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com