Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C34 Datasheet(PDF) 35 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 35 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 31Page - Zilog, Inc. Z86C34 Datasheet HTML 32Page - Zilog, Inc. Z86C34 Datasheet HTML 33Page - Zilog, Inc. Z86C34 Datasheet HTML 34Page - Zilog, Inc. Z86C34 Datasheet HTML 35Page - Zilog, Inc. Z86C34 Datasheet HTML 36Page - Zilog, Inc. Z86C34 Datasheet HTML 37Page - Zilog, Inc. Z86C34 Datasheet HTML 38Page - Zilog, Inc. Z86C34 Datasheet HTML 39Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
35
When more than one interrupt is pending, priorities are re-
solved by a programmable priority encoder that is con-
trolled by the Interrupt Priority register. An interrupt ma-
chine cycle activates when an interrupt request is granted.
This action disables all subsequent interrupts, saves the Pro-
gram Counter and Status Flags, and then branches to the
program memory vector location reserved for that interrupt.
All Z8 interrupts are vectored through locations in the pro-
gram memory. This memory location and the next byte con-
tain the 16-bit address of the interrupt service routine for
that particular interrupt request. To accommodate polled in-
terrupt systems, interrupt inputs are masked and the Inter-
rupt Request register is polled to determine which of the in-
terrupt requests require service.
Figure 23. Interrupt Block Diagram
Table 11. Interrupt Types, Sources, and Vectors
Name
Source
Vector
Location
Comments
IRQ0
DAV0, IRQ0
0, 1
External (P32), Rise Fall Edge Triggered
IRQ1,
IRQ1
2, 3
External (P33), Fall Edge Triggered
IRQ2
DAV2, IRQ2, TIN
4, 5
External (P31), Rise Fall Edge Triggered
IRQ3
UART (ASCI)
6, 7
External (P30), Fall Edge Triggered
IRQ4
T0
8, 9
Internal
IRQ5
T1
10, 11
Internal
Interrupt
Edge
Select
IRQ (D6, D7)
IRQ1, 3, 4, 5
IRQ
IMR
IPR
PRIORITY
LOGIC
6
Global
Interrupt
Enable
Vector Select
Interrupt
Request
IRQ0 IRQ2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com