Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F636TE/STQTP Datasheet(PDF) 105 Page - Microchip Technology

Part # PIC16F636TE/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/STQTP Datasheet(HTML) 105 Page - Microchip Technology

Back Button PIC16F636TE/STQTP Datasheet HTML 101Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 102Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 103Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 104Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 105Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 106Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 107Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 108Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 103
PIC12F635/PIC16F636/639
11.32.2
COMMAND DECODER/
CONTROLLER
The circuit executes 8 SPI commands from the MCU.
The command structure is:
Command (3 bits) + Configuration Address (4 bits) +
Data Byte and Row Parity Bit received by the AFE Most
Significant bit first. Table 11-5 shows the available SPI
commands.
The AFE operates in SPI mode 0,0. In mode 0,0 the
clock idles in the low state (Figure 11-19). SDI data is
loaded into the AFE on the rising edge of SCLK and
SDO data is clocked out on the falling edge of SCLK.
There must be multiples of 16 clocks (SCLK) while CS
is low or commands will abort.
TABLE 11-5:
SPI COMMANDS (AFE)
Command
Address
Data
Row
Parity
Description
Command only – Address and Data are “Don’t Care”, but need to be clocked in regardless.
000
XXXX
XXXX XXXX
X
Clamp on – enable modulation circuit
001
XXXX
XXXX XXXX
X
Clamp off – disable modulation circuit
010
XXXX
XXXX XXXX
X
Enter Sleep mode (any other command wakes the AFE)
011
XXXX
XXXX XXXX
X
AGC Preserve On – to temporarily preserve the current AGC level
100
XXXX
XXXX XXXX
X
AGC Preserve Off – AGC again tracks strongest input signal
101
XXXX
XXXX XXXX
X
Soft Reset – resets various circuit blocks
Read Command – Data will be read from the specified register address.
110
0000
Config Byte 0
P
General – options that may change during normal operation
0001
Config Byte 1
P
LCX antenna tuning and LFDATA output format
0010
Config Byte 2
P
LCY antenna tuning
0011
Config Byte 3
P
LCZ antenna tuning
0100
Config Byte 4
P
LCX and LCY sensitivity reduction
0101
Config Byte 5
P
LCZ sensitivity reduction and modulation depth
0110
Column Parity
P
Column parity byte for Config Byte 0 -> Config Byte 5
0111
AFE Status
X
AFE status – parity error, which input is active, etc.
Write Command – Data will be written to the specified register address.
111
0000
Config Byte 0
P
General – options that may change during normal operation
0001
Config Byte 1
P
LCX antenna tuning and LFDATA output format
0010
Config Byte 2
P
LCY antenna tuning
0011
Config Byte 3
P
LCZ antenna tuning
0100
Config Byte 4
P
LCX and LCY sensitivity reduction
0101
Config Byte 5
P
LCZ sensitivity reduction and modulation depth
0110
Column Parity
P
Column parity byte for Config Byte 0 -> Config Byte 5
0111
Not Used
X
Register is readable, but not writable
Note:
‘P’ denotes the row parity bit (odd parity) for the respective data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com