Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F636TE/STQTP Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC16F636TE/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/STQTP Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC16F636TE/STQTP Datasheet HTML 103Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 104Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 105Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 106Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 107Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 108Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 109Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 110Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 105
PIC12F635/PIC16F636/639
TABLE 11-6:
ANALOG FRONT-END CONFIGURATION REGISTERS SUMMARY
REGISTER 11-1:
CONFIGURATION REGISTER 0 (ADDRESS: 0000)
Register Name
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Configuration Register 0
OEH
OEL
ALRTIND
LCZEN
LCYEN
LCXEN
R0PAR
Configuration Register 1
DATOUT
Channel X Tuning Capacitor
R1PAR
Configuration Register 2
RSSIFET
CLKDIV
Channel Y Tuning Capacitor
R2PAR
Configuration Register 3
Unimplemented
Channel Z Tuning Capacitor
R3PAR
Configuration Register 4
Channel X Sensitivity Control
Channel Y Sensitivity Control
R4PAR
Configuration Register 5
AUTOCHSEL
AGCSIG
MODMIN MODMIN
Channel Z Sensitivity Control
R5PAR
Column Parity Register 6
Column Parity Bits
R6PAR
AFE Status Register 7
Active Channel Indicators
AGCACT
Wake-up Channel Indicators
ALARM
PEI
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OEH1
OEH0
OEL1
OEL0
ALRTIND
LCZEN
LCYEN
LCXEN
R0PAR
bit 8
bit 0
bit 8-7
OEH<1:0>: Output Enable Filter High Time (TOEH) bit
00
= Output Enable Filter disabled (no wake-up sequence required, passes all signal to LFDATA)
01
=1 ms
10
=2 ms
11
=4 ms
bit 6-5
OEL<1:0>: Output Enable Filter Low Time (TOEL) bit
00
=1 ms
01
=1 ms
10
=2 ms
11
=4 ms
bit 4
ALRTIND: ALERT bit, output triggered by:
1
= Parity error and/or expired Alarm timer (receiving noise, see Section 11.14.3 “Alarm Timer”)
0
= Parity error
bit 3
LCZEN: LCZ Enable bit
1
= Disabled
0
= Enabled
bit 2
LCYEN: LCY Enable bit
1
= Disabled
0
= Enabled
bit 1
LCXEN: LCX Enable bit
1
= Disabled
0
= Enabled
bit 0
R0PAR: Register Parity bit – set/cleared so the 9-bit register contains odd parity – an odd number of set bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com