Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F636TE/STQTP Datasheet(PDF) 110 Page - Microchip Technology

Part # PIC16F636TE/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/STQTP Datasheet(HTML) 110 Page - Microchip Technology

Back Button PIC16F636TE/STQTP Datasheet HTML 106Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 107Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 108Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 109Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 110Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 111Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 112Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 113Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 108
Preliminary
© 2005 Microchip Technology Inc.
REGISTER 11-6:
CONFIGURATION REGISTER 5 (ADDRESS: 0101)
REGISTER 11-7:
COLUMN PARITY REGISTER 6 (ADDRESS: 0110)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
AUTOCHSEL
AGCSIG
MODMIN1
MODMIN0
LCZSEN3
LCZSEN2
LCZSEN1
LCZSEN0
R5PAR
bit 8
bit 0
bit 8
AUTOCHSEL: Auto Channel Select bit
1
= Enabled – AFE selects channel(s) that has demodulator output “high” at the end of TSTAB; or otherwise, blocks the
channel(s).
0
= Disabled –
AFE follows channel enable/disable bits defined in Register 0
bit 7
AGCSIG: Demodulator Output Enable bit, after the AGC loop is active
1
= Enabled – No output until AGC is regulating at around 20 mVPP at input pins. The AGC Active Status bit is set
when the AGC begins regulating.
0
= Disabled – the AFE passes signal of any level it is capable of detecting
bit 6-5
MODMIN<1:0>: Minimum Modulation Depth bit
00
= 50%
01
= 75%
10
= 25%
11
= 12%
bit 4-1
LCZSEN<3:0>(1): LCZ Sensitivity Reduction bit
0000
= -0dB (Default)
:
1111
= -30dB
bit 0
R5PAR: Register Parity bit – set/cleared so the 9-bit register contains odd parity – an odd number of set bits
Note 1:
Assured monotonic increment (or decrement) by design.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
COLPAR7
COLPAR6
COLPAR5
COLPAR4
COLPAR3
COLPAR2
COLPAR1
COLPAR0
R6PAR
bit 8
bit 0
bit 8
COLPAR7: Set/Cleared so that this 8th parity bit + the sum of the config register row parity bits contain an odd number of
set bits.
bit 7
COLPAR6: Set/Cleared such that this 7th parity bit + the sum of the 7th bits in config registers 0 through 5 contain an odd
number of set bits.
bit 6
COLPAR5: Set/Cleared such that this 6th parity bit + the sum of the 6th bits in config registers 0 through 5 contain an odd
number of set bits.
bit 5
COLPAR4: Set/Cleared such that this 5th parity bit + the sum of the 5th bits in config registers 0 through 5 contain an odd
number of set bits.
bit 4
COLPAR3: Set/Cleared such that this 4th parity bit + the sum of the 4th bits in config registers 0 through 5 contain an odd
number of set bits.
bit 3
COLPAR2: Set/Cleared such that this 3rd parity bit + the sum of the 3rd bits in config registers 0 through 5 contain an odd
number of set bits.
bit 2
COLPAR1: Set/Cleared such that this 2nd parity bit + the sum of the 2nd bits in config registers 0 through 5 contain an odd
number of set bits.
bit 1
COLPAR0: Set/Cleared such that this 1st parity bit + the sum of the 1st bits in config registers 0 through 5 contain an odd
number of set bits.
bit 0
R6PAR: Register Parity bit – set/cleared so the 9-bit register contains odd parity – an odd number of set bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com