Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F636TE/STQTP Datasheet(PDF) 158 Page - Microchip Technology

Part # PIC16F636TE/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/STQTP Datasheet(HTML) 158 Page - Microchip Technology

Back Button PIC16F636TE/STQTP Datasheet HTML 154Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 155Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 156Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 157Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 158Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 159Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 160Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 161Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 156
Preliminary
© 2005 Microchip Technology Inc.
15.5
DC Characteristics:
PIC16F639-I (Industrial), PIC16F639-E (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ† Max
Units
Conditions
D001
VDD
Supply Voltage
2.0
—
3.6
V
FOSC
≤ 10 MHz
D001A
VDDT
Supply Voltage (AFE)
2.0
—
3.6
V
Analog Front-End VDD voltage. Treated as
VDD in this document.
D002
VDR
RAM Data Retention
Voltage(1)
1.5*
—
—
V
Device in Sleep mode
D003
VPOR
VDD Start Voltage to
ensure internal Power-on
Reset signal
—VSS
—V
See Section 12.3 “Power-on Reset” for
details.
D003A
VPORT
VDD Start Voltage (AFE)
to ensure internal Power-
on Reset signal
—
—
1.8
V
Analog Front-End POR voltage.
D004
SVDD
VDD Rise Rate to ensure
internal Power-on Reset
signal
0.05*
—
—
V/ms
See Section 12.3 “Power-on Reset” for
details.
D005
VBOD
Brown-out Detect
—2.1
—
V
D006
RM
Turn-on Resistance or
Modulation Transistor
—
—
100
Ohm
VDD = 3.0V
D007
RPU
Digital Input Pull-Up
Resistor
CS, SCLK
50
200
300
kOhm VDD = 3.6V
D008
IAIL
Analog Input Leakage
Current
LCX, LCY, LCZ
LCCOM
—
—
—
—
±1
±1
μA
μA
VDD = 3.6V, VSS
≤ VIN ≤ VDD, tested at
Sleep mode
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com