Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F636TE/STQTP Datasheet(PDF) 159 Page - Microchip Technology

Part # PIC16F636TE/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/STQTP Datasheet(HTML) 159 Page - Microchip Technology

Back Button PIC16F636TE/STQTP Datasheet HTML 155Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 156Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 157Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 158Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 159Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 160Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 161Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 162Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 157
PIC12F635/PIC16F636/639
15.6
DC Characteristics: PIC16F639-I (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
Supply Voltage
2.0V
≤ VDD ≤ 3.6V
Param
No.
Sym
Device Characteristics
Min
Typ†
Max
Units
Conditions
VDD
Note
D010
IDD
Supply Current(1,2,3)
—9
TBD
μA2.0
FOSC = 32.768 kHz
LP Oscillator mode
—18
TBD
μA3.0
D011
—
110
TBD
μA2.0
FOSC = 1 MHz
XT Oscillator mode
—190
TBD
μA3.0
D012
—
220
TBD
μA2.0
FOSC = 4 MHz
XT Oscillator mode
—370
TBD
μA3.0
D013
—
70
TBD
μA2.0
FOSC = 1 MHz
EC Oscillator mode
—140
TBD
μA3.0
D014
—
180
TBD
μA2.0
FOSC = 4 MHz
EC Oscillator mode
—320
TBD
μA3.0
D015
—
TBD
TBD
μA2.0
FOSC = 31 kHz
LFINTOSC mode
—TBD
TBD
μA3.0
D016
—
340
TBD
μA2.0
FOSC = 4 MHz
HFINTOSC mode
—500
TBD
μA3.0
D017
—
180
TBD
μA2.0
FOSC = 4 MHz
EXTRC mode
—320
TBD
μA3.0
D020
IPD
Power-down Base Current(4)
—
0.99
TBD
nA
2.0
WDT, BOD, Comparators,
VREF and T1OSC disabled
(excludes AFE)
—
1.2
TBD
nA
3.0
D021
ΔIWDT
—
0.3
TBD
μA2.0
WDT Current(3)
—1.8
TBD
μA3.0
D022A
ΔIBOD
—
58
TBD
μA
3.0
BOD Current(3)
D022B
ΔILVD
—
TBD
TBD
μA
2.0
PLVD Current
—TBD
TBD
μA3.0
D023
ΔICMP
—
3.3
TBD
μA
2.0
Comparator Current(3)
—6.1
TBD
μA3.0
D024
ΔIVREF
—58
TBD
μA2.0
CVREF Current(3)
—85
TBD
μA3.0
D025
ΔIT1OSC
—
4.0
TBD
μA
2.0
T1OSC Current(3)
—4.6
TBD
μA3.0
D026
IACT
Active Current of AFE only
(receiving signal)
1 LC Input Channel Signal
3 LC Input Channel Signals
—
—
10
—
—
16
μA
μA
3.6
3.6
CS = VDD; Input = Continuous
Wave (CW);
Amplitude = 300 mVPP.
All channels enabled.
D027
ISTDBY
Standby Current of AFE only
(not receiving signal)
1 LC Input Channel Enabled
2 LC Input Channels Enabled
3 LC Input Channels Enabled
—
—
—
3
4
5
5
6
7
μΑ
μA
μA
3.6
3.6
3.6
CS = VDD; ALERT = VDD
D028
ISLEEP
Sleep Current of AFE only
—
0.2
1
μA3.6
CS = VDD; ALERT = VDD
Legend:
TBD = To Be Determined
†
Data in ‘Typ’ column is at 3.0V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note
1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave, from rail-to-rail; all I/O pins tri-
stated, pulled to VDD; MCLR = VDD; WDT disabled. MCU only, Analog Front-End not included.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin loading and switching rate,
oscillator type, internal code execution pattern and temperature, also have an impact on the current consumption. MCU only, Analog
Front-End not included.
3:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this peripheral is enabled. The
peripheral
Δ current can be determined by subtracting the base IDD or IPD current from this limit. Max values should be used when
calculating total current consumption.
4:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with the part in Sleep
mode, with all I/O pins in high-impedance state and tied to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com