Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F636TE/STQTP Datasheet(PDF) 164 Page - Microchip Technology

Part # PIC16F636TE/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/STQTP Datasheet(HTML) 164 Page - Microchip Technology

Back Button PIC16F636TE/STQTP Datasheet HTML 160Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 161Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 162Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 163Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 164Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 165Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 166Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 167Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 162
Preliminary
© 2005 Microchip Technology Inc.
15.10 AC Characteristics: PIC12F635/PIC16F636/639 (Industrial, Extended)
FIGURE 15-4:
EXTERNAL CLOCK TIMING
TABLE 15-1:
EXTERNAL CLOCK TIMING REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
FOSC
External CLKIN Frequency(1)
DC
—
37
kHz
LP Oscillator mode
DC
—
4
MHz
XT Oscillator mode
DC
—
20
MHz
HS Oscillator mode
DC
—
20
MHz
EC Oscillator mode
Oscillator Frequency(1)
5
—
37
kHz
LP Oscillator mode
—
—
—
MHz
HFINTOSC Oscillator mode
DC
—
4
MHz
RC Oscillator mode
0.1
—
4
MHz
XT Oscillator mode
1
—
20
MHz
HS Oscillator mode
1TOSC
External CLKIN Period(1)
27
—
—
μs
LP Oscillator mode
50
—
—
ns
HS Oscillator mode
50
—
—
ns
EC Oscillator mode
250
—
—
ns
XT Oscillator mode
Oscillator Period(1)
27
200
μs
LP Oscillator mode
—
125
—
ns
INTOSC Oscillator mode
250
—
—
ns
RC Oscillator mode
250
—
10,000
ns
XT Oscillator mode
50
—
1,000
ns
HS Oscillator mode
2TCY
Instruction Cycle Time(1)
200
TCY
DC
ns
TCY = 4/FOSC
3
TosL,
TosH
External CLKIN (OSC1) High
External CLKIN Low
2*
—
—
μs
LP oscillator, TOSC L/H duty cycle
20*
—
—
ns
HS oscillator, TOSC L/H duty cycle
100*
—
—
ns
XT oscillator, TOSC L/H duty cycle
4TosR,
TosF
External CLKIN Rise
External CLKIN Fall
—
—
50*
ns
LP oscillator
—
—
25*
ns
XT oscillator
—
—
15*
ns
HS oscillator
*
These parameters are characterized but not tested.
† Data in ‘Typ’ column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values
are based on characterization data for that particular oscillator type under standard operating conditions
with the device executing code. Exceeding these specified limits may result in an unstable oscillator
operation and/or higher than expected current consumption. All devices are tested to operate at ‘min’
values with an external clock applied to OSC1 pin. When an external clock input is used, the ‘max’ cycle
time limit is ‘DC’ (no clock) for all devices.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com